| 전자부품 데이터시트 검색엔진 |
|
IA82510-PDW28I-R-01 데이터시트(PDF) 8 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82510-PDW28I-R-01 데이터시트(HTML) 8 Page - InnovASIC, Inc |
|
8 / 25 page ![]() IA82510 Data Sheet Asynchronous Serial Controller February 25, 2011 IA211001219-05 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 8 of 25 1-888-824-4184 ® 2. Description The IA82510 is an asynchronous serial controller that provides a CPU interface to one transmit and one receive channel. It is Form, Fit, and Function compatible with the Intel 82510. Configuration registers are used to control the serial channel, interrupts, and modes of operation. The CPU controls this device via address and data lines with read/write control. The CPU also uses this interface to read and write data to receive and transmit data through the serial channel. FIFOs and various serial modes can be used to help off-load the CPU from transmitting and receiving data. An interrupt line provides an indication to the CPU that the device requires servicing. The device can be configured for 8250A/16450 compatibility. See Figure 2, Functional Block Diagram. |