전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F050X6 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 STM32F050X6
상세설명  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050X6 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button STM32F050X6 Datasheet HTML 80Page - STMicroelectronics STM32F050X6 Datasheet HTML 81Page - STMicroelectronics STM32F050X6 Datasheet HTML 82Page - STMicroelectronics STM32F050X6 Datasheet HTML 83Page - STMicroelectronics STM32F050X6 Datasheet HTML 84Page - STMicroelectronics STM32F050X6 Datasheet HTML 85Page - STMicroelectronics STM32F050X6 Datasheet HTML 86Page - STMicroelectronics STM32F050X6 Datasheet HTML 87Page - STMicroelectronics STM32F050X6 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
Package characteristics
STM32F050xx
84/97
Doc ID 023683 Rev 1
7
Package characteristics
7.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97