| 전자부품 데이터시트 검색엔진 |
|
STM32F050G4 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F050G4 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 97 page ![]() Pinouts and pin description STM32F050xx 26/97 Doc ID 023683 Rev 1 Table 8. Pin definitions Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions 1 - - - VBAT S Backup power supply 2- - - PC13 I/O TC (1)(2) RTC_TAMP1, RTC_TS, RTC_OUT, WKUP2 3- - - PC14/OSC32_IN (PC14) I/O TC (1)(2) OSC32_IN 4- - - PC15/OSC32_OUT (PC15) I/O TC (1)(2) OSC32_OUT 52 2 2 PF0/OSC_IN (PF0) I/O FT OSC_IN 63 3 3 PF1/OSC_OUT (PF1) I/O FT OSC_OUT 7 4 4 4 NRST I/O RST Device reset input / internal reset output (active low) 8 0 - - VSSA S Analog ground 9 5 5 5 VDDA S Analog power supply 10 6 6 6 PA0 I/O TTa TIM2_CH1_ETR, USART1_CTS(3) ADC_IN0, RTC_TAMP2, WKUP1 11 7 7 7 PA1 I/O TTa TIM2_CH2, EVENTOUT, USART1_RTS(3) ADC_IN1 12 8 8 8 PA2 I/O TTa TIM2_CH3, USART1_TX(3) ADC_IN2 13 9 9 9 PA3 I/O TTa TIM2_CH4, USART1_RX(3) ADC_IN3 14 10 10 10 PA4 I/O TTa SPI1_NSS, I2S1_WS, TIM14_CH1, USART1_CK(3) ADC_IN4 15 11 11 11 PA5 I/O TTa SPI1_SCK, I2S1_CK, TIM2_CH1_ETR ADC_IN5 |