전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F050K4 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STM32F050K4
상세설명  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050K4 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STM32F050K4 Datasheet HTML 29Page - STMicroelectronics STM32F050K4 Datasheet HTML 30Page - STMicroelectronics STM32F050K4 Datasheet HTML 31Page - STMicroelectronics STM32F050K4 Datasheet HTML 32Page - STMicroelectronics STM32F050K4 Datasheet HTML 33Page - STMicroelectronics STM32F050K4 Datasheet HTML 34Page - STMicroelectronics STM32F050K4 Datasheet HTML 35Page - STMicroelectronics STM32F050K4 Datasheet HTML 36Page - STMicroelectronics STM32F050K4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
STM32F050xx
Memory mapping
Doc ID 023683 Rev 1
33/97
Table 11.
STM32F050x peripheral register boundary addresses
Bus
Boundary address
Size
Peripheral
0x4800 1800 - 0x5FFF FFFF
~384 MB
Reserved
AHB2
0x4800 1400 - 0x4800 17FF
1KB
GPIOF
0x4800 1000 - 0x4800 13FF
1KB
Reserved
0x4800 0C00 - 0x4800 0FFF
1KB
Reserved
0x4800 0800 - 0x4800 0BFF
1KB
GPIOC
0x4800 0400 - 0x4800 07FF
1KB
GPIOB
0x4800 0000 - 0x4800 03FF
1KB
GPIOA
0x4002 4400 - 0x47FF FFFF
~128 MB
Reserved
AHB1
0x4002 4000 - 0x4002 43FF
1KB
Reserved
0x4002 3400 - 0x4002 3FFF
3KB
Reserved
0x4002 3000 - 0x4002 33FF
1KB
CRC
0x4002 2400 - 0x4002 2FFF
3KB
Reserved
0x4002 2000 - 0x4002 23FF
1KB
FLASH Interface
0x4002 1400 - 0x4002 1FFF
3KB
Reserved
0x4002 1000 - 0x4002 13FF
1KB
RCC
0x4002 0400 - 0x4002 0FFF
3KB
Reserved
0x4002 0000 - 0x4002 03FF
1KB
DMA
0x4001 8000 - 0x4001 FFFF
32KB
Reserved
APB
0x4001 5C00 - 0x4001 7FFF
9KB
Reserved
0x4001 5800 - 0x4001 5BFF
1KB
DBGMCU
0x4001 4C00 - 0x4001 57FF
3KB
Reserved
0x4001 4800 - 0x4001 4BFF
1KB
TIM17
0x4001 4400 - 0x4001 47FF
1KB
TIM16
0x4001 4000 - 0x4001 43FF
1KB
Reserved
0x4001 3C00 - 0x4001 3FFF
1KB
Reserved
0x4001 3800 - 0x4001 3BFF
1KB
USART1
0x4001 3400 - 0x4001 37FF
1KB
Reserved
0x4001 3000 - 0x4001 33FF
1KB
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
1KB
TIM1
0x4001 2800 - 0x4001 2BFF
1KB
Reserved
0x4001 2400 - 0x4001 27FF
1KB
ADC
0x4001 0800 - 0x4001 23FF
7KB
Reserved
0x4001 0400 - 0x4001 07FF
1KB
EXTI
0x4001 0000 - 0x4001 03FF
1KB
SYSCFG
0x4000 8000 - 0x4000 FFFF
32KB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97