| 전자부품 데이터시트 검색엔진 |
|
STM32L151CB 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 52/121 Doc ID 17659 Rev 8 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 V Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold 40 mV All BOR and PVD thresholds excepting BOR0 100 1. Guaranteed by characterisation, not tested in production. 2. Valid for device version without BOR at power up. Please see option "D" in Ordering information scheme for more details. Table 15. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |