전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F050C6 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STM32F050C6
상세설명  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050C6 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STM32F050C6 Datasheet HTML 22Page - STMicroelectronics STM32F050C6 Datasheet HTML 23Page - STMicroelectronics STM32F050C6 Datasheet HTML 24Page - STMicroelectronics STM32F050C6 Datasheet HTML 25Page - STMicroelectronics STM32F050C6 Datasheet HTML 26Page - STMicroelectronics STM32F050C6 Datasheet HTML 27Page - STMicroelectronics STM32F050C6 Datasheet HTML 28Page - STMicroelectronics STM32F050C6 Datasheet HTML 29Page - STMicroelectronics STM32F050C6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
Pinouts and pin description
STM32F050xx
26/97
Doc ID 023683 Rev 1
Table 8.
Pin definitions
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional
functions
1
-
-
-
VBAT
S
Backup power supply
2-
-
-
PC13
I/O
TC
(1)(2)
RTC_TAMP1,
RTC_TS,
RTC_OUT,
WKUP2
3-
-
-
PC14/OSC32_IN
(PC14)
I/O
TC
(1)(2)
OSC32_IN
4-
-
-
PC15/OSC32_OUT
(PC15)
I/O
TC
(1)(2)
OSC32_OUT
52
2
2
PF0/OSC_IN
(PF0)
I/O
FT
OSC_IN
63
3
3
PF1/OSC_OUT
(PF1)
I/O
FT
OSC_OUT
7
4
4
4
NRST
I/O
RST
Device reset input / internal reset output
(active low)
8
0
-
-
VSSA
S
Analog ground
9
5
5
5
VDDA
S
Analog power supply
10
6
6
6
PA0
I/O
TTa
TIM2_CH1_ETR,
USART1_CTS(3)
ADC_IN0,
RTC_TAMP2,
WKUP1
11
7
7
7
PA1
I/O
TTa
TIM2_CH2,
EVENTOUT,
USART1_RTS(3)
ADC_IN1
12
8
8
8
PA2
I/O
TTa
TIM2_CH3,
USART1_TX(3)
ADC_IN2
13
9
9
9
PA3
I/O
TTa
TIM2_CH4,
USART1_RX(3)
ADC_IN3
14
10
10
10
PA4
I/O
TTa
SPI1_NSS,
I2S1_WS,
TIM14_CH1,
USART1_CK(3)
ADC_IN4
15
11
11
11
PA5
I/O
TTa
SPI1_SCK,
I2S1_CK,
TIM2_CH1_ETR
ADC_IN5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97