전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM100SFP 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS20SM100SFP
상세설명  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100SFP 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS20SM100SFP Datasheet HTML 1Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 2Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 3Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 4Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 5Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 6Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 7Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 8Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS20SM100S
4/11
Doc ID 15524 Rev 2
Figure 10.
Reverse leakage current versus reverse voltage applied (typical values)
Figure 8.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
T
δ=tp/T
tp
TO-220AB/I²PAK
tp(s)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
T
δ=tp/T
tp
TO-220FPAB
tp(s)
Zth(j-c)/Rth(j-c)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
3040506070
8090
100
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
VR(V)
IR(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com