| 전자부품 데이터시트 검색엔진 |
|
M24128-DFMN6 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128-DFMN6 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 40 page ![]() Description M24128-BW M24128-BR M24128-BF M24128-DF 6/40 DocID16892 Rev 23 1 Description The M24128 is a 128-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable Memory) organized as 16 K × 8 bits. The M24128-BW can operate with a supply voltage from 2.5 V to 5.5 V, the M24128-BR can operate with a supply voltage from 1.8 V to 5.5 V, and the M24128-BF and M24128-DF can operate with a supply voltage from 1.7 V to 5.5 V. All these devices operate with a clock frequency of 1 MHz (or less), over an ambient temperature range of –40 °C / +85 °C. The M24128-Dx offers an additional page, named the Identification Page (64 bytes). The Identification Page can be used to store sensitive application parameters which can be (later) permanently locked in Read-only mode. Figure 1. Logic diagram Figure 2. 8-pin package connections, top view 1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1. Table 1. Signal names Signal name Function Direction E2, E1, E0 Chip Enable Input SDA Serial Data I/O SCL Serial Clock Input WC Write Control Input VCC Supply voltage - VSS Ground - AI01844f 3 E0-E2 SDA VCC M24xxx WC SCL VSS SDA VSS SCL WC E1 E0 VCC E2 AI01845f 1 2 3 4 8 7 6 5 |