전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-5227079-2 데이터시트(PDF) 13 Page - Tyco Electronics

부품명 2-5227079-2
상세설명  BNC Connectors (50 ohm/75 ohm)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-5227079-2 데이터시트(HTML) 13 Page - Tyco Electronics

Back Button 2-5227079-2 Datasheet HTML 9Page - Tyco Electronics 2-5227079-2 Datasheet HTML 10Page - Tyco Electronics 2-5227079-2 Datasheet HTML 11Page - Tyco Electronics 2-5227079-2 Datasheet HTML 12Page - Tyco Electronics 2-5227079-2 Datasheet HTML 13Page - Tyco Electronics 2-5227079-2 Datasheet HTML 14Page - Tyco Electronics 2-5227079-2 Datasheet HTML 15Page - Tyco Electronics 2-5227079-2 Datasheet HTML 16Page - Tyco Electronics 2-5227079-2 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Insulating Bushings
Recommended
Panel Cutout
Recommended
Panel Cutout
1.78
[.070]
0.81
[.032]
12.7
[.500]
Dia.
3.94
[.155]
11.94
[.470]
11.43
[.450]
9.53
[.375]
Part No. 221951-1
Part No. 227223-1
12.83 ±0.08
[.505 ±.003]
Dia.
12.07±0.08
[.475 ±.003]
11.56 ±0.08
[.455 ±.003]
Dia.
10.97 ±0.06
[.432 ±.003]
0.94
[.030]
Max.
Dia.
15.88
[.625]
Dia.
9.53
[.375]
Dia.
10.93
[.430]
Dia.
4.04
[.159]
Max.
1.09
[.043]
Max.
14.86
[.585]
Dia.
56
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
12.83
[.505]
Max.
3/8" - 24 Thread
26.80
[1.055]
Max.
Isolated Bulkhead Solder Jacks,
Front Mount
Plating
Body — Nickel
Dielectric — White VALOX
Panel Thickness 1.17-6.35 [.046-.250]
Recommended
Panel Cutout
31.75
[1.250]
13.09 Dia.
[.515] Max.
3/8" - 24
Thread
Accepts
1.5 [.059]
DIa. Max.
Wire
Panel Thickness 1.17-3.18 [.046-.125]
Recommended
Panel Cutout
Part No. 5414194-1
Plating
Body — Nickel
Center Contact — Silver
Dielectric — Black VALOX
Flange & Thread Material —
Black VALOX
Center
Flange &
Part
Contact
Thread
No.
Plating
Material
TinVALOX
5227726-1
Silver
VALOX
5227726-2
Gold
VALOX
5227726-3
Max.
9.91
[.390
]
+0.13
-0.20
+.005
-.000
Dia.
3.89
[.153
]
+0.08
-0.00
+.003
-.000
9.60
[.378
]
+0.08
-0.00
+.003
-.000
Dia.
3.94
[.155
]
+0.08
-0.00
+.003
-.000
Sealed Bulkhead Solder Jack,
Rear Mount
Part No. 5227426-1
17.78 Dia.
[.700] Max.
31.75
[1.250]
Maximum Panel Thickness 6.35 [.250]
Recommended
Panel Cutout
1/2" - 28
Thread
Rubber
Gasket
Accepts .
1.5 [.059]
DIa. Max.
Wire
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Dia.
5.54
[.218
]
+0.08
-0.00
+.003
-.000
Max.
Plating
Body — Nickel
Center Contact — Gold
Dielectric — Polymethylpentene
This connector is designed to prevent
moisture from entering the interface
from the rear of the connector.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
VALOX is a trademark of General Electric
Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com