| 전자부품 데이터시트 검색엔진 |
|
AD7450 데이터시트(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7450 데이터시트(HTML) 20 Page - Analog Devices |
|
20 / 22 page ![]() –20– AD7450 EVALUATING THE AD7450 PERFORMANCE The evaluation board package includes a fully assembled and tested evaluation board, documentation, and software for controlling the board from a PC via the Evaluation Board Controller. The Evaluation Board Controller can be used in conjunction with the AD7450 evaluation board, as well as many other Analog Devices evaluation boards ending with the CB designator, to demonstrate/evaluate the ac and dc performance of the AD7450. The software allows the user to perform ac (fast Fourier Transform) and dc (Histogram of codes) tests on the AD7450. See the evaluation board technical note for more information. Rev. A |