| 전자부품 데이터시트 검색엔진 |
|
OP07CSZ 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP07CSZ 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() OP07 Data Sheet Rev. G | Page 12 of 16 NOTES 1. PINOUT SHOWN FOR P PACKAGE 6 OP07 + – V– V+ 7 4 2 3 EO R4 REFERENCE JUNCTION SENDING JUNCTION R3 R1 R2 = R1 R3 R2 R4 Figure 32. High Stability Thermocouple Amplifier OP07 A2 + – 6 EO V+ V– 7 4 2 3 R5 10kΩ R4 10kΩ R3 10kΩ EIN ±10V R2 10kΩ 6 OP07 A1 + – V– V+ 7 4 2 3 FD333 D1 FD333 D2 R1 10kΩ 0V TO +10V NOTES 1. PINOUT SHOWN FOR P PACKAGE VA Figure 33. Precision Absolute-Value Circuit APPLICATIONS INFORMATION The OP07 provides stable operation with load capacitance of up to 500 pF and ±10 V swings; larger capacitances should be decoupled with a 50 Ω decoupling resistor. Stray thermoelectric voltages generated by dissimilar metals at the contacts to the input terminals can degrade drift performance. Therefore, best operation is obtained when both input contacts are maintained at the same temperature, preferably close to the package temperature. |