| 전자부품 데이터시트 검색엔진 |
|
ADP3309ARTZ-3.6-R71 데이터시트(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP3309ARTZ-3.6-R71 데이터시트(HTML) 8 Page - Analog Devices |
|
8 / 12 page ![]() ADP3309 Rev. C | Page 8 of 12 3.32 3.31 3.30 3.29 3.28 100 10 0 100 200 300 400 500 VOUT = 3.3V CL = 4.7µF IOUT TIME (µs) Figure 16. Load Transient 300 200 100 0 4 2 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VOUT IOUT VOUT = 3.3V TIME (Seconds) Figure 17. Short-Circuit Current 4 3 2 1 0 0 3 0 20 40 60 80 100 CL = 0.47µF CL = 4.7µF VOUT VOUT = 3.3V RL = 33Ω 3.3V 3V VSD TIME (µs) Figure 18. Turn-On 4 3 2 1 0 3 0 010 20 30 40 50 VOUT = 3.3V RL = 33Ω CL = 0.47µF 3.3V VSD TIME (µs) Figure 19. Turn-Off –30 –40 –50 –60 –70 –80 –90 –100 10 100 1k 10k 100k 1M 10M 0 –10 –20 VOUT = 3.3V a. 0.47µF, RL = 33kΩ b. 0.47µF, RL = 33Ω c. 10µF, RL = 33kΩ d. 10µF, RL = 33Ω a b c d FREQUENCY (Hz) b d a c Figure 20. Power Supply Ripple Rejection 10 1 0.1 0.01 100 1k 10k 100k FREQUENCY (Hz) VOUT = 3.3V, CL = 0.47µF IL = 1mA Figure 21. Output Noise Density |