전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NZT651 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 NZT651
상세설명  NPN Current Driver Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT651 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  NZT651 Datasheet HTML 1Page - Fairchild Semiconductor NZT651 Datasheet HTML 2Page - Fairchild Semiconductor NZT651 Datasheet HTML 3Page - Fairchild Semiconductor NZT651 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NZT651
NPN Current Driver Transistor
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
4.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
*NZT651
PD
Total Device Dissipation
Derate above 25
°C
1.2
9.7
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
103
°C/W
B
C
C
SOT-223
E
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
This device is designed for power amplifier, regulator and switching
circuits where speed is important. Sourced from Process 4P.
Discrete POWER & Signal
Technologies
© 1997 Fairchild Semiconductor Corporation


유사한 부품 번호 - NZT651

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NZT651 ONSEMI-NZT651 Datasheet
366Kb / 7P
NPN Current Driver Transistor
November 2014 Rev. 1.1.0
logo
TECH PUBLIC Electronics...
NZT651-TP TECHPUBLIC-NZT651-TP Datasheet
2Mb / 4P
NPN General Purpose Transistor
More results

유사한 설명 - NZT651

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BSS64LT1 MOTOROLA-BSS64LT1 Datasheet
77Kb / 4P
Driver Transistor(NPN)
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
NPN (DRIVER TRANSISTOR)
MMBTA06 SAMSUNG-MMBTA06 Datasheet
28Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
D45C11 FAIRCHILD-D45C11 Datasheet
58Kb / 3P
PNP Current Driver Transistor
NZT751 FAIRCHILD-NZT751 Datasheet
99Kb / 3P
PNP Current Driver Transistor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
PNP Current Driver Transistor
NZT749 FAIRCHILD-NZT749 Datasheet
38Kb / 3P
PNP Current Driver Transistor
logo
Seme LAB
SJ5439 SEME-LAB-SJ5439 Datasheet
23Kb / 2P
NPN DRIVER TRANSISTOR
SJ5436 SEME-LAB-SJ5436 Datasheet
30Kb / 2P
NPN DRIVER TRANSISTOR
logo
Guangdong Kexin Industr...
NZT753 KEXIN-NZT753 Datasheet
38Kb / 1P
PNP Current Driver Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com