전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NZT751 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 NZT751
상세설명  PNP Current Driver Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT751 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  NZT751 Datasheet HTML 1Page - Fairchild Semiconductor NZT751 Datasheet HTML 2Page - Fairchild Semiconductor NZT751 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
ON CHARACTERISTICS*
Symbol
Parameter
Test Conditions
Min
Max
Units
hFE
DC Current Gain
IC = 50 mA, VCE = 2.0 V
IC = 500 mA, VCE = 2.0 V
IC = 1.0 A, VCE = 2.0 V
IC = 2.0 A, VCE = 2.0 V
75
75
75
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0 A, IB = 100 mA
IC = 2.0 A, IB = 200 mA
0.3
0.5
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0 A, IB = 100 mA
1.2
V
VBE(on)
Base-Emitter On Voltage
IC = 1.0 A, VCE = 2.0 V
1.0
V
SMALL SIGNAL CHARACTERISTICS
DC Typical Characteristics
V(BR)CEO
Collector-Emitter Sustaining Voltage
IC = 10 mA, IB = 060V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 80 V, IE = 0
100
nA
IEBO
Emitter-Cutoff Current
VEB = 4.0 V, IC = 0
0.1
µA
fT
Current Gain - Bandwidth Product
IC = 50 mA, VCE = 5.0 V,
f = 100 MHz
75
MHz
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Collector-Emitter Saturation
Voltage vs Collector Current
PP
0.1
1
5
0
0.1
0.2
0.3
0.4
0.5
0.6
I
- COLLECTOR CURRENT (A)
- 40 ºC
25 °C
C
ββ = 10
125 °C
Typical Pulsed Current Gain
vs Collector Current
0.01
0.1
1
10
0
20
40
60
80
100
120
140
I
- COLLECTOR CURRENT (A)
25 °C
C
V
= 5V
CE
125 °C
- 40 °C
PNP Current Driver Transistor
(continued)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com