전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVAL-AD1852EBZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 EVAL-AD1852EBZ
상세설명  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1852EBZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button EVAL-AD1852EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1852
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 9.
Parameter
Rating
DVDD to DGND
−0.3 V to +6 V
AVDD to AGND
−0.3 V to +6 V
Digital Inputs
DGND − 0.3 V to DVDD + 0.3 V
Analog Outputs
AGND − 0.3 V to AVDD + 0.3 V (see Figure 26)
AGND to DGND
−0.3 V to +0.3 V
Reference Voltage
(AVDD + 0.3 V)/2 V
Soldering
300°C
10 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 10.
Package Type
θJA
θJC
Unit
Thermal Resistance
Junction-to-Ambient
109
°C/W
Junction-to-Case
39
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com