전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1865CMS 데이터시트(PDF) 20 Page - Linear Technology

부품명 LTC1865CMS
상세설명  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CMS 데이터시트(HTML) 20 Page - Linear Technology

Back Button LTC1865CMS Datasheet HTML 16Page - Linear Technology LTC1865CMS Datasheet HTML 17Page - Linear Technology LTC1865CMS Datasheet HTML 18Page - Linear Technology LTC1865CMS Datasheet HTML 19Page - Linear Technology LTC1865CMS Datasheet HTML 20Page - Linear Technology LTC1865CMS Datasheet HTML 21Page - Linear Technology LTC1865CMS Datasheet HTML 22Page - Linear Technology LTC1865CMS Datasheet HTML 23Page - Linear Technology LTC1865CMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC1864/LTC1865
20
18645fb
APPLICATIONS INFORMATION
Transmit LTC1864 Data Over Modular Telephone Wire
Using Simple Transmitter/Receiver
Figure 6 shows a simple Manchester encoder and dif-
ferential transmitter suitable for use with the LTC1864.
This circuit allows transmission of data over inexpensive
telephone wire. This is useful for measuring a remote
sensor, particularly when the cost of preserving the analog
signal over a long distance is high.
Manchester encoding is a clock signal that is modulated
by exclusive ORing with the data signal. The resulting
signal contains both clock and data information and has
an average duty cycle of 50%, that also allows transformer
coupling. In practice, generating a Manchester encoded
signal with an XOR gate will often produce glitches due
to the skew between data and clock transitions. The D
flip-flops in this encoder retime the clock and data such
that the respective edges are closely aligned, effectively
suppressing glitches. The retimed data and clock are then
XORed to produce the Manchester encoded data, which
is interfaced to telephone wire with an LTC1485 RS485
transceiver.
In order to synchronize to incoming data, the receiver
needs a sequence to indicate the start of a data word. The
transmitter schematic shows logic that will produce 31
zeros, a start bit, followed by the 16 data bits (one sample
every 48 clock cycles) at a clock frequency of 1MHz set by
the LTC1799 oscillator. Sending at least 18 zeros before
each start bit ensures that if synchronization is lost, the
receiver can resynchronize to a start bit under all condi-
tions. The serial to parallel converter shown in Figure 7
requires 18 zeros to avoid triggering on data bits.
The Manchester receiver shown in Figure 7 was adopted
from Xilinx application note 17-30 and would typically be
implemented in an FPGA. The decoder clock frequency is
nominally 8 times the transmit clock frequency and is very
tolerant of frequency errors. The outputs of the decoder
are data and a strobe that indicates a valid data bit. The
data can be deserialized using shift registers as shown.
The start bit resets the J-K/flip-flop on its way into the
first shift register. When it appears at the QHIN output of
the second shift register, it sets the flip-flop that loads the
parallel data into the output register.
With AC family CMOS logic at 5V the receiver clock fre-
quency is limited to 20MHz; the corresponding transmitter
clock frequency is 2.5MHz. If the receiver is implemented
in an FPGA that can be clocked at 160MHz, the LTC1864
can be clocked at its rated clock frequency of 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com