| 전자부품 데이터시트 검색엔진 |
|
LTC2802IDE 데이터시트(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2802IDE 데이터시트(HTML) 18 Page - Linear Technology |
|
18 / 18 page ![]() LTC2801/LTC2802/ LTC2803/LTC2804 2801234fe LinearTechnology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 l FAX: (408) 434-0507 l www.linear.com LINEAR TECHNOLOGY CORPORATION 2005 LT 0510 REV E • PRINTED IN USA 2801 F22 LTC2804 + – VCC VL PS MODE 10 11 13 14 15 16 4 3 2 1 5 12 T2OUT T1OUT R2IN R1IN T2IN T1IN R2OUT R1OUT CTS RX RTS TX PPX PPY TXD PPZ RXD 6 8 7 9 VDD SW CAP VEE GND UART *ADDITIONAL BYPASS CAPACITOR AS NEEDED µP VCC 1.8V TO 5.5V 1.8V TO 5.5V DC-DC C2 1µF C5 220nF C4 1µF * * 17 C3 1µF C1 220nF L1 10µH tyPical aPPlication Figure 22. Diagnostic Port Operating Directly Off Unregulated Battery Voltage PART NUMBER DESCRIPTION COMMENTS LT1780/LT1781 2-Driver/2-Receiver RS232 Transceiver Single 5V Supply with 0.1μF Capacitors, 15kV ESD LTC1337 3-Driver/5-Receiver RS232 Transceiver Ultralow Power for DTE Applications LTC1338 5-Driver/3-Receiver RS232 Transceiver Ultralow Power for DCE Applications LT1039/LT1039-16 3-Driver/3-Receiver RS232 Transceiver 30kΩ Input Impedance for Multidrop Applications LTC1348 3-Driver/5-Receiver RS232 Transceiver True RS232 Levels on 3.3V Supply related PartS |