| 전자부품 데이터시트 검색엔진 |
|
LTC3414MPFE 데이터시트(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3414MPFE 데이터시트(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() LTC3414 2 3414fb Input Supply Voltage ................................... –0.3V to 6V ITH, RUN/SS, VFB, SYNC/MODE Voltages .................................. –0.3 to VIN SW Voltages ................................. –0.3V to (VIN + 0.3V) Peak SW Sink and Source Current ......................... 9.5A Operating Temperature Range (Note 2) E, I Grades .............................................. – 40 °C to 85°C MP Grade ............................................. – 55 °C to 125°C Junction Temperature (Notes 5, 6) ....................... 125 °C Storage Temperature Range ................. – 65 °C to 150°C Lead Temperature (Soldering, 10 sec).................. 300 °C ORDER PART NUMBER EXPOSED PAD (PIN 21), MUST BE SOLDERED TO PCB TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W LTC3414EFE LTC3414IFE LTC3414MPFE ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO (Note 1) ELECTRICAL CHARACTERISTICS Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC3414E is guaranteed to meet performance specifications from 0 °C to 85°C. Specifications over the –40°C to 85°C operating temperature range are assured by design, characterization and correlation with statistical process controls. The LTC3414I is guaranteed over the full –40 °C to 85°C operating temperature range. The LTC3414MP is guaranteed over the full –55 °C to 125°C operating tempaerature range. Note 3: The LTC3414 is tested in a feedback loop that adjusts VFB to The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIN Input Voltage Range ● 2.25 5.5 V IFB Feedback Pin Input Current (Note 3) 0.2 μA VFB Regulated Feedback Voltage E, I Grade (Note 3) ● 0.784 0.800 0.816 V MP Grade 0.780 0.800 0.816 V ΔVFB Reference Voltage Line Regulation VIN = 2.7V to 5.5V (Note 3) ● 0.04 0.2 %V VLOADREG Output Voltage Load Regulation Measured in Servo Loop, VITH = 0.36V ● 0.02 0.2 % Mesured in Servo Loop, VITH = 0.84V ● –0.02 –0.2 % ΔVPGOOD Power Good Range ±7.5 ±9% RPGOOD Power Good Resistance 120 200 Ω IQ Input DC Bias Current (Note 4) Active Current VFB = 0.75V, VITH = 1.2V 250 330 μA Sleep VFB = 1V, VITH = 0V, VSYNC/MODE = 0V 64 100 μA Shutdown VRUN = 0V 0.02 1 μA fOSC Switching Frequency ROSC = 294k 0.88 1.00 1.12 MHz Switching Frequency Range 0.3 4 MHz fSYNC SYNC Capture Range 0.3 4 MHz RPFET RDS(ON) of P-Channel FET ISW = 300mA 67 100 m Ω RNFET RDS(ON) of N-Channel FET ISW = –300mA 50 100 m Ω ILIMIT Peak Current Limit 6 8 A VUVLO Undervoltage Lockout Threshold 1.75 2.00 2.25 V ILSW SW Leakage Current VRUN = 0V, VIN = 5.5V 0.1 1.0 μA VRUN RUN Threshold 0.5 0.65 0.8 V 1 2 3 4 5 6 7 8 9 10 TOP VIEW 20 19 18 17 16 15 14 13 12 11 PGND RT SYNC/MODE RUN/SS SGND NC PVIN SW SW PGND PGND VFB ITH PGOOD SVIN NC PVIN SW SW PGND FE PACKAGE 20-LEAD PLASTIC TSSOP 21 achieve a specified error amplifier output voltage (ITH). Note 4: Dynamic supply current is higher due to the internal gate charge being delivered at the switching frequency. Note 5: TJ is calculated from the ambient temperature TA and power dissipation PD as follows: TJ =TA + (PD)(38°C/W) Note 6: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125 °C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliabability. Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ |