| 전자부품 데이터시트 검색엔진 |
|
BZ-R21-A2 데이터시트(PDF) 7 Page - Honeywell Accelerometers |
|
|
|||||||||||||||||||||||||||||
BZ-R21-A2 데이터시트(HTML) 7 Page - Honeywell Accelerometers |
|
7 / 16 page ![]() Basic Switches BZ/BA Series Standard 52 Honeywell Sensing and Control For application help: call 1-800-537-6945. Characteristics: O.F. — Operating Force; R.F. — Release Force; P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P. — Operating Position. STRAIGHT LEVER ORDER GUIDE Electrical Data and O.F. max. R.F. min. P.T. max. O.T. min. D.T. O.P.** Recommended UL Codes newtons newtons mm mm mm mm Catalog Listing For Page 46 ounces ounces inches inches inches inches BZ-2RW8072-A2 Applications requiring gold alloy contacts 1 Amp P 0,7 2.5 0,14 0.5 — 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-2RW80722555105-A2 Best stability under varying humidity. Gold alloy contacts with seal 1 Amp P 0,7 2.5 0,14 0.5 — 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-2RW8244-A2 Operating in temp. to +400°F (204°C) for 100 hours 5 Amps B 0,7 2.5 0,14 0.5 — 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-RW8435-A2 Lowest operating force (without external return spring) 10 Amps I 0,07 .25 — 6,76 .266 5,56 .219 0,08-0,38 .003-.015 19,1 .750 BZ-2RW876T 1.25 inch lever requirements 15 Amps A 1,67 6 0,42 1.5 — 0,42 .141 0,10-0,63 .004-.025 19,1 .750 BZ-2RW80-A2 2.5 inch lever requirements 15 Amps A 0,7 2.5 0,14 0.5 — 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-2RW84-A2 Lower force (without external return spring) 15 Amps A 0,28 1 0,03 0.125 8,33 .328 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-2RW805551-A2 Dustproof and splash resistant seal 15 Amps A 0,7 2.5 0,14 0.5 — 5,56 .219 0,18 −1,27 .007-.050 19,1 .750 BZ-2RWT04 MIL-S-8805 application requirements 15 Amps A 0,28-0,90 1-3.25 0,21 0.75 7,52 .296 4,37 .172 2,36 .093 19,1 .750 (M8805/1-044) BZ-2RW824-A2 Operating in temperature to +250°F (121°C) 15 Amps A 0,7 2.5 0,14 0.5 — 5,56 .219 0,18-1,27 .007-.050 19,1 .750 BZ-RW80X Manual reset solder terminals 15 Amps E 0,63 2.25 — — — — 5,56 .219 — — 19,05 .750 0,38* – 7,14* .015 – .281 BZ-2RW863-A2 6 inch lever requirements 15 Amps A 0,28 1— — 12,7 .500 0,46-3,68 .018-.145 19,1 ±1,52 .750 ±.060 BA-2RV-A2 Up to 20 ampere load handling 20 Amps G 0,7 2.5 0,14 0.5 15,88 .625 1,98 .078 2,77 .109 19,1 .750 BM-1RW84-A2 Up to 22 ampere load handling 22 Amps F 0,28 1 0,03 0.125 7,54 .297 5,56 .219 0,13-0,84 .005-.033 19,1 .750 BE-2RV-A4 Up to 25 ampere load handling 25 Amps H 0,7 2.5 0,14 0.5 15,88 .625 1,98 .078 2,77 .109 max. 19,1 .750 * Reset characteristics. BZ-2RW899-A2 Adjustable operating point (17 mm to 22 mm) .670 to .880 15 Amps A 0.7 2.5 0.14 0.5 — 3,54 † .125 0,18-1,27 .007-.050 17,02-22,35 .670-.880 BZ-2RM-A2 Reverse acting actuator (switch plunger depressed in free position) 15 Amps A 1,67 6 0,28 1 5,56 .219 5,56 .219 0,10-0,89 .004-.035 19,1 .750 17 mm † From O.P. .670 in. Except where stated ** ±0.76 mm ±.030 in. BZ/BM TYPE Dim. Dwg. Fig. 21 BA TYPE Dim. Dwg. Fg. 23 ADJUSTABLE Dim. Dwg. Fg. 22 Dim. Dwg. Fig. 24 |