| 전자부품 데이터시트 검색엔진 |
|
TMS320DM6467CCUTAV 데이터시트(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467CCUTAV 데이터시트(HTML) 45 Page - Texas Instruments |
|
45 / 355 page ![]() TMS320DM6467 www.ti.com SPRS403H – DECEMBER 2007 – REVISED JUNE 2012 Table 3-11. Peripheral Component Interconnect (PCI) Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. PCI_AD7/ [IPD] E2 I/O/Z HD7/EM_D7 DVDD33 PCI_AD6/ [IPD] F3 I/O/Z HD6/EM_D6 DVDD33 PCI_AD5/ [IPD] E1 I/O/Z HD5/EM_D5 DVDD33 PCI_AD4/ [IPD] G5 I/O/Z HD4/EM_D4 DVDD33 These pins are multiplexed between PCI, HPI, and EMIFA. For PCI, these pins are PCI data/address bus [15:0] (I/O/Z) PCI_AD3/ [IPD] F2 I/O/Z HD3/EM_D3 DVDD33 PCI_AD2/ [IPD] G4 I/O/Z HD2/EM_D2 DVDD33 PCI_AD1/ [IPD] F1 I/O/Z HD1/EM_D1 DVDD33 PCI_AD0/ [IPD] G3 I/O/Z HD0/EM_D0 DVDD33 PCI_RSV0/DA1/ [IPD] A9 I/O/Z PCI reserved for future enhancements (I)(1) GP[16]/EM_A[21] DVDD33 PCI_RSV1/DA0/ [IPD] E9 I/O/Z PCI reserved for future enhancements (O/Z)(1) GP[17]/EM_A[20] DVDD33 PCI_RSV2/INTRQ/ [IPD] B10 I/O/Z PCI reserved for future enhancements (I)(1) GP[18]/EM_RSV 0 DVDD33 PCI_RSV3/DIOR/ [IPU] GP[19]/ E10 I/O/Z PCI reserved for future enhancements (O/Z)(1) DVDD33 EM_WAIT5 PCI_RSV4/DIOW/ [IPU] GP[20]/ A11 I/O/Z PCI reserved for future enhancements (I/O/Z)(1) DVDD33 EM_WAIT4 PCI_RSV5/IORDY/ [IPU] GP[21]/ D11 I/O/Z PCI reserved for future enhancements (I/O/Z)(1) DVDD33 EM_WAIT3 (1) In PCI mode (PCIEN = 1), it is recommended to have an external pullup resistor on this pin. Copyright © 2007–2012, Texas Instruments Incorporated Device Overview 45 Submit Documentation Feedback Product Folder Link(s): TMS320DM6467 |