| 전자부품 데이터시트 검색엔진 |
|
TMS320DM6467CCUT 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467CCUT 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 355 page ![]() TMS320DM6467 www.ti.com SPRS403H – DECEMBER 2007 – REVISED JUNE 2012 Table 3-3. Memory Map Summary (continued) MASTER PERIPHERAL ACCESSIBILITY (1) START END SIZE EDMA/ ARM C64x+ Video TSIF ADDRESS ADDRESS (Bytes) PERIPHERAL VDCE EMAC HPI PCI USB VLYNQ ATA Port (0/1) 0x11F0 0000 0x11F0 7FFF 32K L1D RAM/Cache L1D RAM/Cache L1D RAM/Cache ✓ ✓ ✓ ✓ ✓ 0x11F0 8000 0x11FF FFFF 992K Reserved Reserved Reserved 0x1200 0000 0x1FFF FFFF 224M 0x2000 0000 0x2000 7FFF 32K DDR2 Control DDR2 Control DDR2 Control ✓ Registers Registers Registers 0x2000 8000 0x2000 FFFF 32K EMIFA Control EMIFA Registers EMIFA Registers Registers 0x2001 0000 0x2001 7FFF 32K VLYNQ Control VLYNQ Registers VLYNQ Registers Registers 0x2001 8000 0x200F FFFF 928K Reserved Reserved Reserved 0x2010 0000 0x2FFF FFFF 255M 0x3000 0000 0x3FFF FFFF 256M PCI Data PCI Data 0x4000 0000 0x403F FFFF 4M Reserved Reserved Reserved 0x4040 0000 0x4043 FFFF 256K 0x4044 0000 0x4047 FFFF 256K 0x4048 0000 0x404B FFFF 256K 0x404C 0000 0x404F FFFF 256K 0x4050 0000 0x405F FFFF 1M 0x4060 0000 0x4063 FFFF 256K Reserved Reserved Reserved 0x4064 0000 0x4067 FFFF 256K 0x4068 0000 0x406B FFFF 256K 0x406C 0000 0x406F FFFF 256K 0x4070 0000 0x41FF FFFF 25M 0x4200 0000 0x43FF FFFF 32M EMIFA Data (CS2) (4) EMIFA Data (CS2) (4) EMIFA Data (CS2) (4) ✓ ✓ ✓ ✓ 0x4400 0000 0x45FF FFFF 32M EMIFA Data (CS3) (4) EMIFA Data (CS3) (4) EMIFA Data (CS3) (4) ✓ ✓ ✓ ✓ 0x4600 0000 0x47FF FFFF 32M EMIFA Data (CS4) (4) EMIFA Data (CS4) (4) EMIFA Data (CS4) (4) ✓ ✓ ✓ ✓ 0x4800 0000 0x49FF FFFF 32M EMIFA Data (CS5) (4) EMIFA Data (CS5) (4) EMIFA Data (CS5) (4) ✓ ✓ ✓ ✓ 0x4A00 0000 0x4BFF FFFF 32M Reserved Reserved Reserved 0x4C00 0000 0x4FFF FFFF 64M VLYNQ (Remote Data) VLYNQ (Remote Data) VLYNQ (Remote Data) ✓ ✓ ✓ ✓ ✓ ✓ ✓ 0x5000 0000 0x7FFF FFFF 768M Reserved Reserved Reserved 0x8000 0000 0x9FFF FFFF 512M DDR2 Memory DDR2 Memory DDR2 Memory ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ 0xA000 0000 0xBFFF FFFF 512M Reserved Reserved Reserved 0xC000 0000 0xFFFF FFFF 1G Reserved Reserved Reserved (4) EMIFA CS0 and CS1 are not functionally supported on the DM6467, and therefore, are not pinned out. Copyright © 2007–2012, Texas Instruments Incorporated Device Overview 21 Submit Documentation Feedback Product Folder Link(s): TMS320DM6467 |