전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT11245DBRG4 데이터시트(PDF) 17 Page - Texas Instruments

부품명 74ACT11245DBRG4
상세설명  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74ACT11245DBRG4 데이터시트(HTML) 17 Page - Texas Instruments

Back Button 74ACT11245DBRG4 Datasheet HTML 13Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 14Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 15Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 16Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 17Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 18Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 19Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 20Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74ACT11245DBR
SSOP
DB
24
2000
330.0
16.4
8.2
8.8
2.5
12.0
16.0
Q1
74ACT11245DWR
SOIC
DW
24
2000
330.0
24.4
10.75
15.7
2.7
12.0
24.0
Q1
74ACT11245NSR
SO
NS
24
2000
330.0
24.4
8.2
15.4
2.5
12.0
24.0
Q1
74ACT11245PWR
TSSOP
PW
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25