| 전자부품 데이터시트 검색엔진 |
|
AM3703CUS 데이터시트(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS 데이터시트(HTML) 42 Page - Texas Instruments |
|
42 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued) BALL BALL BALL RESET BUFFER PULLUP BALL TOP RESET IO CELL BOTTOM PIN NAME [2] MODE [3] TYPE [4] RESET REL. MODE POWER [8] HYS [9] STRENGTH /DOWN [1] REL. [12] [1] STATE [5] [7] (mA) [10] TYPE [11] STATE [6] AE9, AE18, NA vdd_core 0 PWR - - - - - - - - AE19, AE24, AC4, Y16, Y18, Y19, Y20, W18, W20, V20, U19, U20, T19, P20, N19, N20, M19, M25, L25, K18, K20, J4, J18, J19, J20, H4, E25, D8, D9, D15, D22, D23 Y9, Y10, NA vdd_mpu_iva 0 PWR - - - - - - - - Y11, Y14, Y15, W9, W11, W12, W15, U10, T9, T10, R9, R10, N10, M9, M10, L9, L10, K11, K14, K13, J9, J10, J11, J14, J15 AH6, U1, AC5, P1, vdds_mem 0 PWR - - - - - - - - R4, J1, J2, H1, F23, E1, G28, F1, F2, C23, A4, A7, D16, C16, A10, A15, C28, B5, B8, A18 B12, B18, B22, A5, A8, A12, A18, A22 AG27, AF8, NA vdds 0 PWR - - - - - - - - AF16, AF23, AE8, AE16, AE23, AD3, AD4, W4, F25, F26 W16 NA vdds_sram 0 PWR K15 NA vdda_dplls_dll 0 PWR - - - - - - - - AA16 NA vdda_dpll_per 0 PWR - - - - - - - - AA14 NA vdda_wkup_ 0 PWR - - - - - - - - bg_bb K25 NA vdds_mmc1 0 PWR - - - - - - - - V25 NA vdda_dac 0 PWR - - - - - - - - Y26 NA vssa_dac 0 GND - - - - - - - - 42 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |