| 전자부품 데이터시트 검색엔진 |
|
AM3715CUS 데이터시트(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715CUS 데이터시트(HTML) 45 Page - Texas Instruments |
|
45 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Reference Manual (literature number SPRUGN4). (13) In the safe_mode_out1, the buffer is configured to drive 1. (14) Mux0 if sys_boot6 is pulled down (clock master). (15) If MMC1 functional signals are enabled, vdds_mmc1 for MMC1 must be supplied by a dedicated power source. If MMC1 functional signals are disabled, other multiplexed CMOS signals of the interface can be enabled. The interface can be supplied by the same power source as vdds. The vdds power source supplies the vdds_mmc1 ball. If neither MMC1 functional balls or CMOS signals are enabled, the interface balls are left unconnected with its associated power supply (vdda/vssa) grounded. For the corresponding setting of the PBIASLITEPWRDNZ0 bit, see the System Control Module / SCM Programming Model / Extended-Drain I/Os and PBIAS Cells Programming Guide section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-2. Ball Characteristics (CBC Pkg.)(5) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] AE16 NA cam_d0 0 I L L 7 vdda Yes NA PU/ PD LVCMOS gpio_99 4 I safe_mode 7 - AE15 NA cam_d1 0 I L L 7 vdda Yes NA PU/ PD LVCMOS gpio_100 4 I safe_mode 7 - AD17 NA gpio_112 4 I L L 7 vdda Yes NA PU/ PD LVCMOS safe_mode 7 - AE18 NA gpio_114 4 I L L 7 vdda Yes NA PU/ PD LVCMOS safe_mode 7 - AD16 NA gpio_113 4 I L L 7 vdda Yes NA PU/ PD LVCMOS safe_mode 7 - gpio_115 4 I AE17 NA safe_mode 7 - L L 7 vdda Yes NA PU/ PD LVCMOS NA G20 sdrc_a0 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA K20 sdrc_a1 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA J20 sdrc_a2 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA J21 sdrc_a3 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA U21 sdrc_a4 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA R20 sdrc_a5 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA M21 sdrc_a6 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA M20 sdrc_a7 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA N20 sdrc_a8 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA K21 sdrc_a9 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA Y16 sdrc_a10 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA N21 sdrc_a11 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA R21 sdrc_a12 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA AA15 sdrc_a13 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA Y12 sdrc_a14 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA AA18 sdrc_ba0 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA V20 sdrc_ba1 0 O 0 0 0 vdds NA 4 (1) PU/ PD LVCMOS NA Y15 sdrc_cke0 0 O H 1 7 vdds NA 4 (1) PU/ PD LVCMOS safe_mode_out1 (6) 7 NA Y13 sdrc_cke1 0 O H 1 7 vdds NA 4 (1) PU/ PD LVCMOS safe_mode_out1 (6) 7 NA A12 sdrc_clk 0 IO L 0 0 vdds Yes 4 (1) PU/ PD LVCMOS NA D1 sdrc_d0 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA G1 sdrc_d1 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA G2 sdrc_d2 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA E1 sdrc_d3 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA D2 sdrc_d4 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA E2 sdrc_d5 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS NA B3 sdrc_d6 0 IO L Z 0 vdds Yes 4 (1) PU/ PD LVCMOS Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 45 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |