전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6645 데이터시트(PDF) 18 Page - Analog Devices

부품명 AD6645
상세설명  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6645 데이터시트(HTML) 18 Page - Analog Devices

Back Button AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices AD6645 Datasheet HTML 20Page - Analog Devices AD6645 Datasheet HTML 21Page - Analog Devices AD6645 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD6645
Rev. D | Page 18 of 24
This limits the amount of dynamic current from the A/D
flowing back into the secondary of the transformer. The 50 Ω
impedance matching can also be incorporated on the secondary
side of the transformer, as shown in the evaluation board
schematic (see Figure 43).
AIN
AIN
ADT4-1WT
AD6645
ANALOG INPUT
SIGNAL
RS
RS
0.1µF
RT
Figure 40. Transformer-Coupled Analog Input Circuit
In applications where dc coupling is required, a differential
output op amp, such as the AD8138, can be used to drive the
AD6645 (see Figure 41). The AD8138 op amp provides single-
ended-to-differential conversion, which reduces overall system
cost and minimizes layout requirements.
AD6645
AIN
AIN
AD8138
5V
499Ω
499Ω
499Ω
499Ω
VREF
DIGITAL
OUTPUTS
25Ω
25Ω
VOCM
CF
CF
VIN
Figure 41. DC-Coupled Analog Input Circuit
Power Supplies
Care should be taken when selecting a power source. The use of
linear dc supplies with rise times of <45 ms is highly recommended.
Switching supplies tend to have radiated components that can
be received by the AD6645. Decouple each of the power supply
pins as close to the package as possible using 0.1 μF chip capacitors.
The AD6645 has separate digital and analog power supply pins.
The analog supplies are AVCC and the digital supply pins are
DVCC. Although analog and digital supplies can be tied together,
the best performance is achieved when the supplies are separate
because the fast digital output swings can couple switching
currents back into the analog supplies. Note that AVCC must be
held within 5% of 5 V. The AD6645 is specified for DVCC = 3.3 V, a
common supply for digital ASICs.
Digital Outputs
Care must be taken when designing the data receivers for the
AD6645. It is recommended that the digital outputs drive a
series resistor followed by a gate, such as the 74LCX574.
To minimize capacitive loading, there should be only one gate
on each output pin. An example of this is shown in the evaluation
board schematic of Figure 43. The digital outputs of the AD6645
have a constant output slew rate of 1 V/ns. A typical CMOS gate
combined with a PCB trace have a load of approximately 10 pF.
Therefore, as each bit switches, 10 mA (10 pF × 1 V ÷ 1 ns) of
dynamic current per bit flow in or out of the device. A full-scale
transition can cause up to 140 mA (14 bits × 10 mA/bit) of current
to flow through the output stages. Place the series resistors as close
to the AD6645 as possible to limit the amount of current that can
flow into the output stage. These switching currents are confined
between ground and DVCC. Standard TTL gates should be avoided
because they can add appreciably to the dynamic switching
currents of the AD6645. Note that extra capacitive loading
increases output timing and invalidates timing specifications.
Digital output timing is guaranteed for output loads up to
10 pF. Digital output states for given analog input levels are
shown in Table 8.
Grounding
For optimum performance, it is highly recommended that a
common ground be used between the analog and digital power
planes. The primary concern with splitting grounds is that
dynamic currents may be forced to travel significant distances
in the system before recombining back at the common source
ground. This can result in a large, undesirable ground loop. The
most common place for this to occur is on the digital outputs of
the ADC. Ground loops can contribute to digital noise being
coupled back onto the ADC front end. This can manifest itself
as either harmonic spurs, or very high-order spurious products
that can cause excessive spikes on the noise floor. This noise
coupling is less likely to occur at lower clock speeds because the
digital noise has more time to settle between samples. In general,
splitting the analog and digital grounds can frequently contribute
to undesirable EMI-RFI and should, therefore, be avoided.
Conversely, if not properly implemented, common grounding
can actually impose additional noise issues because the digital
ground currents ride on top of the analog ground currents in
close proximity to the ADC input. To further minimize the
potential for noise coupling, it is highly recommended that
multiple ground return traces/vias be placed such that the
digital output currents do not flow back toward the analog front
end but are routed quickly away from the ADC. This does not
require a split in the ground plane and can be accomplished by
simply placing substantial ground connections directly back to
the supply at a point between the analog front end and the
digital outputs. In addition, the judicious use of ceramic chip
capacitors between the power supply and ground planes helps
to suppress digital noise. The layout should incorporate enough
bulk capacitance to supply the peak current requirements
during switching periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com