전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7243 데이터시트(PDF) 12 Page - Analog Devices

부품명 AD7243
상세설명  LC2MOS 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7243 데이터시트(HTML) 12 Page - Analog Devices

Back Button AD7243 Datasheet HTML 4Page - Analog Devices AD7243 Datasheet HTML 5Page - Analog Devices AD7243 Datasheet HTML 6Page - Analog Devices AD7243 Datasheet HTML 7Page - Analog Devices AD7243 Datasheet HTML 8Page - Analog Devices AD7243 Datasheet HTML 9Page - Analog Devices AD7243 Datasheet HTML 10Page - Analog Devices AD7243 Datasheet HTML 11Page - Analog Devices AD7243 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7243
–12–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-16)
0.125
(3.18)
MIN
0.035
(0.89)
0.18
(4.57)
0.3 (7.62)
0.87 (22.1) MAX
0.25
(6.35)
0.31
(7.87)
0.18
(4.57)
MAX
0.011
(0.28)
18
9
16
0.018 (0.46)
0.033 (0.84)
0.1 (2.54)
Cerdip (Q-16)
0.310 (7.87)
0.220 (5.59)
16
1
9
8
TOP VIEW
(Not to Scale)
0.320 (8.13)
0.290 (7.37)
0.015 (0.381)
0.008 (0.204)
0.200
(5.08)
MAX
0.100 BSC
(2.54 BSC)
0.840 (21.34) MAX
0.060 (1.52)
0.015 (0.38)
0.150 (3.81) MIN
0.070 (1.78)
0.30 (0.76)
0.022 (0.558)
0.014 (0.356)
SOIC (R-16)
18
9
16
0.413 (10.49)
0.398 (10.11)
0.419 (10.64)
0.394 (10.01)
0.300 (7.62)
0.292 (7.42)
0.350 (8.89)
0.011 (0.279)
0.004 (0.102)
STANDOFF
0.050 (1.27) REF
0.019 (0.483)
0.014 (0.356)
0.104 (2.64)
0.093 (2.36)
0.02 (0.508)
✕
45 C
CHAMP
o
0.01 (0.254)
0.050 (1.27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12