| 전자부품 데이터시트 검색엔진 |
|
24PCF 데이터시트(PDF) 3 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
24PCF 데이터시트(HTML) 3 Page - Honeywell Solid State Electronics Center |
|
3 / 3 page ![]() Pressure Sensors 24PC Series Gage and Differential/Unamplified-Noncompensated 12 Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada SENSOR SELECTION GUIDE 24 PC A F* A 2 G Product Circuit Pressure Pressure Type of Type of Termination Pressure Family Type Transducer Range Seal Port Style Measurement 2 20PC family 4 Noncom- pensated A 1 psi B 5 psi C 15 psi D 30 psi E 0.5 psi E EPDM F Fluorosilicone N Neoprene S Silicone A Straight B Barbed C Luer D Modular H M5 Thread F 100 psi I 90° Port G 250 psi J Needle K Reverse 98 Port L 1/4 - 28 UNF w/Cable Lock M 1/4 - 28 UNF w/o Cable Lock S Manifold 1 1 x 4 (.400 ) 2 2 x 2 6 1 x 4 (.600 ) G Gage D Differential Example: 24PCAFA2G Standard, non-compensated 1 psi sensor with fluorosilicone seal, straight port, 2 x 2 terminals, and Gage pressure measurement. *Other media seal materials may be available. See Accessory Guide, page 27. Not all combinations are established. Contact 800 number before final design. |