| 전자부품 데이터시트 검색엔진 |
|
CBC3105-R4C-WP 데이터시트(PDF) 4 Page - Cymbet Corporation |
|
|
|||||||||||||||||||||||||||||
CBC3105-R4C-WP 데이터시트(HTML) 4 Page - Cymbet Corporation |
|
4 / 12 page ![]() EnerChip CC CBC3105 ©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-21 Rev E Page 4 of 12 Preliminary Absolute Maximum Ratings PARAMETER CONDITION MIN TYPICAL MAX UNITS Output Voltage VOUT VDD > VTH - VDD - V Output Voltage VOUT (backup mode) VDD < VTH 2.2 3.3 3.6 V EnerChip Pulse Discharge Current - Variable - see App. Note 1025 - Self-Discharge (5 yr average) Non-recoverable - 2.5 - % per year Recoverable - 1.5(1) - % per year Operating Temperature - -20 25 +70 °C Storage Temperature - -40 - +125 (2) °C Cell Resistance (25°C) Charge cycle 2 - 7 11 kΩ Charge cycle 1000 - 31 48 Recharge Cycles (to 80% of rated ca- pacity; 4.1V charge voltage) 25°C 10% depth-of-discharge 5000 - - cycles 50% depth-of discharge 1000 - - cycles 40°C 10% depth-of-discharge 2500 - - cycles 50% depth-of-discharge 500 - - cycles Recharge Time (to 80% of rated capacity; 4.1V charge; 25°C) Charge cycle 2 - 11 22 minutes Charge cycle 1000 - 45 70 Capacity 40nA discharge; 25°C 5 - - µAh (1) First month recoverable self-discharge is 5% average. (2) Storage temperature is for uncharged EnerChip CC device. Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice. PARAMETER CONDITION MIN TYPICAL MAX UNITS VDD with respect to GND 25°C GND - 0.3 - 6.0 V ENABLE and VMODE Input Voltage 25°C GND - 0.3 - VDD+0.3 V VBAT (1) 25°C 3.0 - 4.15 V VCHG (1) 25°C 3.0 - 4.15 V VOUT 25°C GND - 0.3 - 6.0 V RESET Output Voltage 25°C GND - 0.3 - VOUT+0.3 V CP, Flying Capacitor Voltage 25°C GND - 0.3 - 6.0 V CN 25°C GND - 0.3 - VDD+0.3 V Operating Characteristics (1) No external connections to these pins are allowed, except parallel EnerChips. |