전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

323913 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 323913
상세설명  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 데이터시트(HTML) 5 Page - Tyco Electronics

  323913 Datasheet HTML 1Page - Tyco Electronics 323913 Datasheet HTML 2Page - Tyco Electronics 323913 Datasheet HTML 3Page - Tyco Electronics 323913 Datasheet HTML 4Page - Tyco Electronics 323913 Datasheet HTML 5Page - Tyco Electronics 323913 Datasheet HTML 6Page - Tyco Electronics 323913 Datasheet HTML 7Page - Tyco Electronics 323913 Datasheet HTML 8Page - Tyco Electronics 323913 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
11
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Ring Tongue Terminals (Continued)
.312
.250
.654
.813
Blue
.170
53942-1
53942-2
7.92
6.35
16.61
20.65
4.32
.312
.281
.685
.844
Blue
.150
51864-2*
51864-4
7.92
7.14
17.40
21.44
3.81
10
.343
.281
.685
.859
Blue
.150
320574*
2-320574-2
8.71
7.14
17.40
21.82
3.81
.343
.281
.685
.859
Blue
.170
36160*
2-36160-1
8.71
7.14
17.40
21.82
4.32
.469
.437
.841
1.078
Blue
.170
324533
2-324533-2
11.91
11.10
21.36
27.38
4.32
12
.469
.437
.841
1.078
Blue
.170
324086
2-324086-1
11.91
11.10
21.36
27.38
4.32
14
.468
.312
.716
.953
Blue
.170
35274
—
11.89
7.92
18.19
24.21
4.32
16-14
.469
.437
.841
1.078
Blue
.150
320563*
2-320563-2
2,050-5,180
.033
11.91
11.10
21.36
27.38
3.81
[1.04-2.62]
0.84
1/4
.469
.437
.841
1.078
Blue
.170
321045*
2-321045-1
M6
11.91
11.10
21.36
27.38
4.32
.469
.437
.841
1.078
Black
.170
325034
2-325034-1
11.91
11.10
21.36
27.38
4.32
.469
.437
.841
1.078
Blue
.150
320575*
2-320575-1
5/16
11.91
11.10
21.36
27.38
3.81
M8
.469
.437
.841
1.078
Blue
.170
328998*
2-328998-1
11.91
11.10
21.36
27.38
4.32
.531
.546
.950
1.218
Blue
.150
320564*
2-320564-3
3/8
13.49
13.87
24.13
30.94
3.81
.531
.546
.950
1.218
Blue
.170
328999*
2-328999-1
13.49
13.87
24.13
30.94
4.32
.713
.530
.934
1.293
Blue
.150
328976
—
1/2
18.11
13.46
23.72
32.84
3.81
M12
.713
.530
.934
1.293
Blue
.170
328849*
—
18.11
13.46
23.72
32.84
4.32
4
.281
.219
.810
.953
Yellow/Blk.
.230
33734
—
7.14
5.56
20.57
24.21
5.84
.281
.219
.810
.953
Yellow/Blk.
.230
320631*
2-320631-1
7.14
5.56
20.57
24.21
5.84
6
.281
.219
.810
.953
Yellow/Blk.
.250
35634*
—
M3.5
7.14
5.56
20.57
24.21
6.35
.343
.281
.872
1.046
Yellow/Blk.
.230
33724
—
8.71
7.14
22.15
26.57
5.84
.343
.281
.872
1.046
Yellow/Blk.
.230
320627*
1-320627-0
8
8.71
7.14
22.15
26.57
5.84
M4
.343
.281
.872
1.046
Yellow/Blk.
.250
35106*
2-35106-1
8.71
7.14
22.15
26.57
6.35
.343
.281
.872
1.046
Yellow/Blk.
.230
320630*
2-320630-2
8.71
7.14
22.15
26.57
5.84
16-14HD1
.050
10
.343
.281
.872
1.046
Yellow/Blk.
.250
34805*
2-34805-1
2,050-5,180
1.27
8.71
7.14
22.15
26.57
6.35
[1.04-2.62]
.500
.344
1.179
1.432
Yellow/Blk.
.220
329391
—
12.70
8.74
29.95
36.37
5.59
.500
.344
.935
1.188
Yellow/Blk.
.230
34974*
2-34974-1
12.70
8.74
23.75
30.18
5.84
.500
.344
.935
1.188
Yellow/Blk.
.250
323682
2-323682-1
12.70
8.74
23.75
30.18
6.35
1/4
.531
.437
1.028
1.296
Yellow/Blk.
.230
327743
1-327743-1
M6
13.49
11.10
26.11
32.92
5.84
.531
.437
1.028
1.296
Yellow/Blk.
.250
34806*
2-34806-3
13.49
11.10
26.11
32.92
6.35
.531
.437
1.028
1.296
Blue
.250
—
2-34806-2
13.49
11.10
26.11
32.92
6.35
5/16
.531
.437
1.028
1.296
Yellow/Blk.
.250
34810
1-34810-1
M8
13.49
11.10
26.11
32.92
6.35
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30