전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IX9908 데이터시트(PDF) 5 Page - IXYS Corporation

부품명 IX9908
상세설명  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908 데이터시트(HTML) 5 Page - IXYS Corporation

  IX9908 Datasheet HTML 1Page - IXYS Corporation IX9908 Datasheet HTML 2Page - IXYS Corporation IX9908 Datasheet HTML 3Page - IXYS Corporation IX9908 Datasheet HTML 4Page - IXYS Corporation IX9908 Datasheet HTML 5Page - IXYS Corporation IX9908 Datasheet HTML 6Page - IXYS Corporation IX9908 Datasheet HTML 7Page - IXYS Corporation IX9908 Datasheet HTML 8Page - IXYS Corporation IX9908 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
R01
www.ixysic.com
5
1.5.6 Foldback Point Correction
1.5.7 Digital Zero Crossing
1.5.8 Protection
1.5.9 Gate Drive
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
ZCV Current First Step Threshold
-
IZC_FS
0.35
0.5
0.621
mA
ZCV Current Last Step Threshold
-
IZC_LS
1.3
1.85
2.3
mA
CS Threshold Minimum
IZC = 2.3 mA, VVR = 3.0VVCSMF
-0.66
-
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Zero Crossing Voltage
-
VZCCT
50
100
170
mV
Ringing Suppression Threshold
-
VZCRS
-0.7
-
V
Minimum Ringing Suppression Time
VZC > VZCRS
tZCRS1
1.62
2.5
4.5
s
Maximum Ringing Suppression Time
VZC < VZCRS
tZCRS2
-42-
s
Maximum Restart Time in Normal Operation
-
tOffMax
30
42
57.5
s
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
VCC Overvoltage Threshold
-
VCCOVP
24
25
26
V
Output Overvoltage Detection Threshold at the ZCV Pin
-
VZCVOVP
3.55
3.7
3.87
V
Blanking Time for Output Overvoltage Protection
-
tZCVOVP
-100
-
s
Threshold for Short Winding Protection
-
VCSSW
1.60
1.68
1.78
V
Blanking Time for Short Winding Protection
-
tCSSW
-190
-
ns
Over-Temperature Protection
-
TJTSP
-140
-
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Output Voltage at Logic Low
VCC=18V, IOUT=10mA
VGATElow
--
1
V
Output Voltage at Logic High
VCC=18V, IOUT= -10mA
VGATEhigh
910
-
V
Output Voltage Active Shut-Down
VCC=9V, IOUT=10mA
VGATEasd
--
1
V
Rise Time
COUT=1nF, VGD=2V to 8V
trise
-117
-
ns
Fall Time
COUT=1nF, VGD=8V to 2V
tfall
-27-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com