전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IX9908N 데이터시트(PDF) 6 Page - IXYS Corporation

부품명 IX9908N
상세설명  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908N 데이터시트(HTML) 6 Page - IXYS Corporation

Back Button IX9908N Datasheet HTML 2Page - IXYS Corporation IX9908N Datasheet HTML 3Page - IXYS Corporation IX9908N Datasheet HTML 4Page - IXYS Corporation IX9908N Datasheet HTML 5Page - IXYS Corporation IX9908N Datasheet HTML 6Page - IXYS Corporation IX9908N Datasheet HTML 7Page - IXYS Corporation IX9908N Datasheet HTML 8Page - IXYS Corporation IX9908N Datasheet HTML 9Page - IXYS Corporation IX9908N Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
6
www.ixysic.com
R01
2. Functional Description
Figure 1. IX9908 Block Diagram
2.1 Internal Supply Voltage During Start-Up
The IX9908 integrates a high voltage startup cell. This
cell provides a constant current to charge the VCC
capacitor (CVCC) during the Power-up phase of
operation. Once the main input voltage is applied, a
rectified voltage will be across CIN.
Figure 2. Start-Up
The start-up cell will sense this voltage, and source a
constant current of approximately 10 mA to CVCC. This
current will remain until VCC reaches VVCC_on or 18V
nominal. It will then be switched off, and a soft start
sequence will begin. VCC will then sag as the CVCC
capacitor supplies current to power the device, and is
not yet receiving energy from the auxiliary winding.
Once the output voltage is high enough the auxiliary
winding will provide energy to CVCC and the VCC
voltage will reach a constant value. This value
depends on the output load and transformer
characteristics.
Ringing
Suppress
Blanking
Reference Voltage
Generator
Vcc Monitor
Over - Under
Voltage Lockout
High Voltage
Startup
Gate
Control
Control
Logic
Soft-Start
Control
Analog
Mux
LPF
Leading
Edge
Blanking
PFC
Leading
Edge
Blanking
Foldback
Sense Amp
Foldback
Correction
Over-Temp
Sensor
Leading
Edge
Blanking
ZCV
VR
CS
GND
GD
HV
Vcc
Vcc
Over-Voltage Protection
Shorted Winding Detection
V
VCC_on
V
VCC_off
t
startup
tstartup =
VCC_on • CVCC
ICC_CHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com