전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5013-IQFT 데이터시트(PDF) 21 Page - ams AG

부품명 AS5013-IQFT
상세설명  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5013-IQFT 데이터시트(HTML) 21 Page - ams AG

Back Button AS5013-IQFT Datasheet HTML 17Page - ams AG AS5013-IQFT Datasheet HTML 18Page - ams AG AS5013-IQFT Datasheet HTML 19Page - ams AG AS5013-IQFT Datasheet HTML 20Page - ams AG AS5013-IQFT Datasheet HTML 21Page - ams AG AS5013-IQFT Datasheet HTML 22Page - ams AG AS5013-IQFT Datasheet HTML 23Page - ams AG AS5013-IQFT Datasheet HTML 24Page - ams AG AS5013-IQFT Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
21 - 32
AS5013
Datasheet - I² C Registers
8.10 T_ctrl Register (2Dh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T_ctrl[7]
T_ctrl[6]
T_ctrl[5]
T_ctrl[4]
T_ctrl[3]
T_ctrl[2]
T_ctrl[1]
T_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 1001 (09h)
Bit
Bit Description
7:0
Scaling control register.
This register controls the scaling factor of the XY coordinates to fit to the 8-bit X and Y_res_int register (full dynamic
range). The following table includes scaling factors referenced to the default setting T_ctrl = 9 (100% scaling).
T_ctrl
Scaling Factor %
31
31.3
30
32.2
29
33.4
28
34.6
27
35.7
26
37.1
25
38.5
24
40.0
23
41.6
22
43.6
21
45.5
20
47.7
19
50.0
18
52.5
17
55.5
16
58.8
15
62.5
14
66.6
13
71.5
12
77.0
11
83.4
10
90.8
9
100.0
8
111.1
T_ctrl
Scaling Factor %
47
117.6
7
125.0
45
133.4
6
142.8
43
153.9
5
166.6
41
181.8
4
200.0
79
210.5
39
222.3
77
235.4
3
250.0
75
266.6
37
285.7
73
307.6
2
333.4
71
363.7
35
400.0
69
444.5
1
500.0
67
571.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com