전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32GA002 데이터시트(PDF) 43 Page - Microchip Technology

부품명 32GA002
상세설명  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 데이터시트(HTML) 43 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 39Page - Microchip Technology 32GA002 Datasheet HTML 40Page - Microchip Technology 32GA002 Datasheet HTML 41Page - Microchip Technology 32GA002 Datasheet HTML 42Page - Microchip Technology 32GA002 Datasheet HTML 43Page - Microchip Technology 32GA002 Datasheet HTML 44Page - Microchip Technology 32GA002 Datasheet HTML 45Page - Microchip Technology 32GA002 Datasheet HTML 46Page - Microchip Technology 32GA002 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 268 page
background image
TABLE 4-21:
PERIPHERAL PIN SELECT REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RPINR0
0680
—
—
—
INT1R4
INT1R3
INT1R2
INT1R1
INT1R0
—
—
—
—
—
—
—
—
1F00
RPINR1
0682
—
—
—
—
—
—
—
—
—
—
—
INT2R4
INT2R3
INT2R2
INT2R1
INT2R0
001F
RPINR3
0686
—
—
—
T3CKR4
T3CKR3
T3CKR2
T3CKR1
T3CKR0
—
—
—
T2CKR4
T2CKR3
T2CKR2
T2CKR1
T2CKR0
1F1F
RPINR4
0688
—
—
—
T5CKR4
T5CKR3
T5CKR2
T5CKR1
T5CKR0
—
—
—
T4CKR4
T4CKR3
T4CKR2
T4CKR1
T4CKR0
1F1F
RPINR7
068E
—
—
—
IC2R4
IC2R3
IC2R2
IC2R1
IC2R0
—
—
—
IC1R4
IC1R3
IC1R2
IC1R1
IC1R0
1F1F
RPINR8
0690
—
—
—
IC4R4
IC4R3
IC4R2
IC4R1
IC4R0
—
—
—
IC3R4
IC3R3
IC3R2
IC3R1
IC3R0
1F1F
RPINR9
0692
—
—
—
—
—
—
—
—
—
—
—
IC5R4
IC5R3
IC5R2
IC5R1
IC5R0
001F
RPINR11
0696
—
—
—
OCFBR4
OCFBR3
OCFBR2
OCFBR1
OCFBR0
—
—
—
OCFAR4
OCFAR3
OCFAR2
OCFAR1
OCFAR0
1F1F
RPINR18
06A4
—
—
—
U1CTSR4 U1CTSR3 U1CTSR2 U1CTSR1 U1CTSR0
—
—
—
U1RXR4
U1RXR3
U1RXR2
U1RXR1
U1RXR0
1F1F
RPINR19
06A6
—
—
—
U2CTSR4 U2CTSR3 U2CTSR2 U2CTSR1 U2CTSR0
—
—
—
U2RXR4
U2RXR3
U2RXR2
U2RXR1
U2RXR0
1F1F
RPINR20
06A8
—
—
—
SCK1R4
SCK1R3
SCK1R2
SCK1R1
SCK1R0
—
—
—
SDI1R4
SDI1R3
SDI1R2
SDI1R1
SDI1R0
1F1F
RPINR21
06AA
—
—
—
—
—
—
—
—
—
—
—
SS1R4
SS1R3
SS1R2
SS1R1
SS1R0
001F
RPINR22
06AC
—
—
—
SCK2R4
SCK2R3
SCK2R2
SCK2R1
SCK2R0
—
—
—
SDI2R4
SDI2R3
SDI2R2
SDI2R1
SDI2R0
1F1F
RPINR23
06AE
—
—
—
—
—
—
—
—
—
—
—
SS2R4
SS2R3
SS2R2
SS2R1
SS2R0
001F
RPOR0
06C0
—
—
—
RP1R4
RP1R3
RP1R2
RP1R1
RP1R0
—
—
—
RP0R4
RP0R3
RP0R2
RP0R1
RP0R0
0000
RPOR1
06C2
—
—
—
RP3R4
RP3R3
RP3R2
RP3R1
RP3R0
—
—
—
RP2R4
RP2R3
RP2R2
RP2R1
RP2R0
0000
RPOR2
06C4
—
—
—
RP5R4
RP5R3
RP5R2
RP5R1
RP5R0
—
—
—
RP4R4
RP4R3
RP4R2
RP4R1
RP4R0
0000
RPOR3
06C6
—
—
—
RP7R4
RP7R3
RP7R2
RP7R1
RP7R0
—
—
—
RP6R4
RP6R3
RP6R2
RP6R1
RP6R0
0000
RPOR4
06C8
—
—
—
RP9R4
RP9R3
RP9R2
RP9R1
RP9R0
—
—
—
RP8R4
RP8R3
RP8R2
RP8R1
RP8R0
0000
RPOR5
06CA
—
—
—
RP11R4
RP11R3
RP11R2
RP11R1
RP11R0
—
—
—
RP10R4
RP10R3
RP10R2
RP10R1
RP10R0
0000
RPOR6
06CC
—
—
—
RP13R4
RP13R3
RP13R2
RP13R1
RP13R0
—
—
—
RP12R4
RP12R3
RP12R2
RP12R1
RP12R0
0000
RPOR7
06CE
—
—
—
RP15R4
RP15R3
RP15R2
RP15R1
RP15R0
—
—
—
RP14R4
RP14R3
RP14R2
RP14R1
RP14R0
0000
RPOR8
06D0
—
—
—RP17R4(1) RP17R3(1) RP17R2(1) RP17R1(1) RP17R0(1)
—
—
—RP16R4(1) RP16R3(1) RP16R2(1) RP16R1(1) RP16R0(1)
0000
RPOR9
06D2
—
—
—RP19R4(1) RP19R3(1) RP19R2(1) RP19R1(1) RP19R0(1)
—
—
—RP18R4(1) RP18R3(1) RP18R2(1) RP18R1(1) RP18R0(1)
0000
RPOR10
06D4
—
—
—RP21R4(1) RP21R3(1) RP21R2(1) RP21R1(1) RP21R0(1)
—
—
—RP20R4(1) RP20R3(1) RP20R2(1) RP20R1(1) RP20R0(1)
0000
RPOR11
06D6
—
—
—RP23R4(1) RP23R3(1) RP23R2(1) RP23R1(1) RP23R0(1)
—
—
—RP22R4(1) RP22R3(1) RP22R2(1) RP22R1(1) RP22R0(1)
0000
RPOR12
06D8
—
—
—RP25R4(1) RP25R3(1) RP25R2(1) RP25R1(1) RP25R0(1)
—
—
—RP24R4(1) RP24R3(1) RP24R2(1) RP24R1(1) RP24R0(1)
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Bits are only available on the 44-pin devices; otherwise, they read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More