전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2513I 데이터시트(PDF) 58 Page - Microchip Technology

부품명 USB2513I
상세설명  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513I 데이터시트(HTML) 58 Page - Microchip Technology

Back Button USB2513I Datasheet HTML 54Page - Microchip Technology USB2513I Datasheet HTML 55Page - Microchip Technology USB2513I Datasheet HTML 56Page - Microchip Technology USB2513I Datasheet HTML 57Page - Microchip Technology USB2513I Datasheet HTML 58Page - Microchip Technology USB2513I Datasheet HTML 59Page - Microchip Technology USB2513I Datasheet HTML 60Page - Microchip Technology USB2513I Datasheet HTML 61Page - Microchip Technology USB2513I Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Chapter 8 Package Outlines
Figure 8.1 36-Pin QFN, 6x6 mm Body, 0.5 mm Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63