전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F684 데이터시트(PDF) 36 Page - Microchip Technology

부품명 PIC16F684
상세설명  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 데이터시트(HTML) 36 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 32Page - Microchip Technology PIC16F684 Datasheet HTML 33Page - Microchip Technology PIC16F684 Datasheet HTML 34Page - Microchip Technology PIC16F684 Datasheet HTML 35Page - Microchip Technology PIC16F684 Datasheet HTML 36Page - Microchip Technology PIC16F684 Datasheet HTML 37Page - Microchip Technology PIC16F684 Datasheet HTML 38Page - Microchip Technology PIC16F684 Datasheet HTML 39Page - Microchip Technology PIC16F684 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
PIC16F684
DS41202F-page 34
© 2007 Microchip Technology Inc.
4.2.4
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-Up (ULPWU) on RA0
allows
a
slow
falling
voltage
to
generate
an
interrupt-on-change on RA0 without excess current
consumption. The mode is selected by setting the
ULPWUE bit of the PCON register. This enables a small
current sink which can be used to discharge a capacitor
on RA0.
To use this feature, the RA0 pin is first configured to output
‘1’ to charge the capacitor. Then interrupt-on-change for
RA0 is enabled, and RA0 is configured as an input. The
ULPWUE bit is set to begin the discharge and a SLEEP
instruction is performed. When the voltage on RA0 drops
below VIL, the device will wake-up and execute the next
instruction. If the GIE bit of the INTCON register is set, the
device will call the interrupt service routine (0004h). See
Section 4.2.3
“Interrupt-on-Change”
and
Section 12.4.3
“PORTA
Interrupt-on-Change”
for
more information.
This feature provides a low-power technique for
periodically waking up the device from Sleep. The
time-out is dependent on the discharge time of the RC
circuit on RA0. See Example 4-2 for initializing the Ultra
Low-Power Wake-Up module.
The series resistor provides overcurrent protection for
the RA0 pin and can allow for software calibration of
the time-out (see Figure 4-1). A timer can be used to
measure the charge time and discharge time of the
capacitor. The charge time can then be adjusted to
provide the desired interrupt delay. This technique will
compensate for the affects of temperature, voltage and
component accuracy. The Ultra Low-Power Wake-Up
peripheral can also be configured as a simple
Programmable Low Voltage Detect or temperature
sensor.
EXAMPLE 4-2:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
Note:
For more information, refer to AN879,
“Using the Microchip Ultra Low-Power
Wake-Up
Module”
Application
Note
(DS00879).
BANKSEL CMCON0
;
MOVLW
H’7’
;Turn off
MOVWF
CMCON0
;comparators
BANKSEL ANSEL
;
BCF
ANSEL,0
;RA0 to digital I/O
BCF
TRISA,0
;Output high to
BANKSEL PORTA
;
BSF
PORTA,0
;charge capacitor
CALL
CapDelay
;
BANKSEL PCON
;
BSF
PCON,ULPWUE
;Enable ULP Wake-up
BSF
IOCA,0
;Select RA0 IOC
BSF
TRISA,0
;RA0 to input
MOVLW
B’10001000’
;Enable interrupt
MOVWF
INTCON
; and clear flag
SLEEP
;Wait for IOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com