| 전자부품 데이터시트 검색엔진 |
|
LM331AN 데이터시트(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM331AN 데이터시트(HTML) 17 Page - Texas Instruments |
|
17 / 20 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM231AN NRND PDIP P 8 40 TBD Call TI Call TI -25 to 85 LM 231AN LM231AN/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -25 to 85 LM 231AN LM231N NRND PDIP P 8 40 TBD Call TI Call TI -25 to 85 LM 231N LM231N/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) SN | CU SN Level-1-NA-UNLIM -25 to 85 LM 231N LM331AN NRND PDIP P 8 40 TBD Call TI Call TI LM 331AN LM331AN/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM LM 331AN LM331N NRND PDIP P 8 40 TBD Call TI Call TI 0 to 70 LM 331N LM331N/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) SN | CU SN Level-1-NA-UNLIM 0 to 70 LM 331N RC4151NB NRND PDIP P 8 40 TBD Call TI Call TI 0 to 70 LM 331N RV4151NB NRND PDIP P 8 40 TBD Call TI Call TI -25 to 85 LM 231N (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) |