| 전자부품 데이터시트 검색엔진 |
|
HCS362-I/P 데이터시트(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS362-I/P 데이터시트(HTML) 16 Page - Microchip Technology |
|
16 / 38 page ![]() HCS362 DS40189D-page 16 Preliminary © 2002 Microchip Technology Inc. 4.5 Configuration Words There are 36 configuration bits stored in the EEPROM array. They are used by the device to determine trans- mission speed, format, delays and Guard times. They are grouped in three Configuration Words: CONFIG_0 , CONFIG_1 and the upper nibble of the SEED_3 word. A description of each of the bits follows this section. TABLE 4-2: CONFIG_0 4.5.1 OSC The internal oscillator can be tuned to ±10%. (0000 selects the nominal value, 1000 the fastest value and 0111 the slowest). When programming the device, it is the programmer’s responsibility to determine the opti- mal calibration value. 4.5.2 VLOW[0..2] The low voltage threshold can be programmed to be any of the values shown in the following table: 4.5.3 BSEL[0..1] The basic timing element TE, determines the actual transmission Baud Rate. This translates to different code word lengths depending on the encoding format selected (Manchester or PWM), the Header length selection and the Guard time selection, from approxi- mately 40 ms up to 220 ms. Refer to Table 7-4 and Table 7-5 for a more complete description. 4.5.4 MTX[0..1] MTX selects the minimum number of code words that will be transmitted. A minimum of 1, 2, 4 or 8 code words will be transmitted. Bit Address Field Description Values 0 OSC_0 Oscillator adjust 0000 - nominal 1000 - fastest 0111 - slowest 1 OSC_1 2 OSC_2 3 OSC_3 4 VLOW_0 VLOW select nominal values 5 VLOW_1 000 - 2.0V 001 - 2.1V 010 - 2.2V 011 - 2.3V 100 - 4.0V 101 - 4.2V 110 - 4.4V 111 - 4.6V 6 VLOW_2 7 BSEL_0 Bitrate select 00 - TE = 100 µs 01 - TE = 200 µs 10 - TE = 400 µs 11 - TE = 800 µs 8 BSEL_1 9 MTX_0 Minimum number of code words 00 - 1 01 - 2 10 - 4 11 - 8 10 MTX_1 11 GUARD_0 Guard time select 00 - 0 ms (1 TE) 01 - 6.4 ms + 2 TE 10 - 25.6 ms + 2 TE 11 - 76.8 ms + 2 TE 12 GUARD_1 13 TIMOUT_0 Time-out select 00 - No Time-out 01 - 0.8 s to 0.8 s + 1 code word 10 - 3.2 s to 3.2 s + 1 code word 11 - 25.6 s to 25.6 s + 1 code word 14 TIMOUT_1 15 CTSEL CTSEL 0 = TIME bits 1 = CRC bits Note: If MTX and BSEL settings in combination require a transmission sequence to exceed the TIMOUT setting, TIMOUT will take priority. |