| 전자부품 데이터시트 검색엔진 |
|
DF1704E/2K 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DF1704E/2K 데이터시트(HTML) 9 Page - Texas Instruments |
|
9 / 20 page ![]() DF1704 9 SBAS099A RESET SOFTWARE HARDWARE DEFAULT FUNCTION (MODE = H) (MODE = L) (Software Mode) Input Data Format Selection O O Standard Format Input Word Length Selection O O 16 Bits Output Word Length Selection O O 16 Bits LRCIN Polarity Selection O O Left/Right = High/Low Digital De-Emphasis O O OFF Soft Mute O O OFF Digital Attenuation O X 0dB, Independent L/R Sample Rate for De-Emphasis Function O O 44.1 kHz Filter Roll-Off Selection O O Sharp Roll-Off Selected CLKO Output Frequency Selection O O Same As XTI Input Legend: O = User Programmable, X = Not Available. TABLE III. User-Programmable Functions for Software and Hardware Mode. Programmable Functions The DF1704 includes a number of programmable features, with most being accessible from either Hardware or Soft- ware mode. Table III summarizes the user programmable functions for both modes of operation. Hardware Mode Controls With MODE = L, the DF1704 may be configured by utilizing several user-programmable pins. The following is a brief summary of the pin functions. Table IV provides more details on setting the hardware mode controls. Pins I2S, IW0, and IW1 are used to select the audio data input format and word length. Pins OW0 and OW1 are used to select the output data word length. The DEM pin is used to enable and disable the digital de- emphasis function. De-emphasis is only available for 32kHz, 44.1kHz, and 48kHz sample rates. Pins SF0 and SF1 are used to select the sample rate for the de-emphasis function. The SRO pin is used to select the digital filter response, either sharp or slow roll-off. The MUTE pin is used to enable or disable the soft mute function. The CKO pin is used to select the clock frequency seen at the CLKO pin, either XTI or XTI ÷ 2. The LRIP pin is used to select the polarity used for the audio input left/right clock, LRCIN. Finally, the RESV pin is not used by the current DF1704 design, but is reserved for future use. Software Mode Controls With MODE = H, the DF1704 may be configured by programming four internal registers in software mode. ML (pin 13), MC (pin 12), and MD (pin 11) make up the 3-wire software control port, and may be controlled using DSP or microcontroller general purpose I/O pins, or a serial port. Table V provides an overview of the internal registers, labeled MODE0 through MODE3. t BCKH 0.5V DD 0.5V DD BCKO DOL, R t BCKL t CKWK t WCKP t BCKP t CKDO 0.5V DD WCKO BCKO Period BCKO Pulse Width High(4) BCKO Pulse Width Low(4) Delay Time BCKO Falling Edge to WCKO Valid WCKO Period Delay Time BCKO Falling Edge to DOL, R Valid Rising Time of All Signals Falling Time of All Signals t BCKP t BCKH t BCKL t CKWK t WCKP t CKDO t R t F min typ 1/8 f S 20ns 20ns –5ns –5ns 100ns 100ns 5ns 5ns 7ns 7ns max 1/256 f S or 1/192 fS NOTES: (1) Timing measurement reference level is (V IH/VIL)/2. (2) Rising and falling time is measured from 10% to 90% of IN/OUT signals’ swing. (3) Load capacitance of all signals are 20pF. (4) Exceptions: f S = 96kHz and SCK = 256fS, tBCKH = 14ns (min) t BCKL = 14ns (min) FIGURE 7. Audio Output Data Format. |