전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ12GP201TI/ML 데이터시트(PDF) 64 Page - Microchip Technology

부품명 DSPIC33FJ12GP201TI/ML
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TI/ML 데이터시트(HTML) 64 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TI/ML Datasheet HTML 60Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 61Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 62Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 63Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 64Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 65Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 66Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 67Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 62
Preliminary
© 2007 Microchip Technology Inc.
TABLE 6-2:
TRAP VECTORS
54
46
0x000070
0x000170
Reserved
55
47
0x000072
0x000172
Reserved
56
48
0x000074
0x000174
Reserved
57
49
0x000076
0x000176
Reserved
58
50
0x000078
0x000178
Reserved
59
51
0x00007A
0x00017A
Reserved
60
52
0x00007C
0x00017C
Reserved
61
53
0x00007E
0x00017E
Reserved
62
54
0x000080
0x000180
Reserved
63
55
0x000082
0x000182
Reserved
64
56
0x000084
0x000184
Reserved
65
57
0x000086
0x000186
Reserved
66
58
0x000088
0x000188
Reserved
67
59
0x00008A
0x00018A
Reserved
68
60
0x00008C
0x00018C
Reserved
69
61
0x00008E
0x00018E
Reserved
70
62
0x000090
0x000190
Reserved
71
63
0x000092
0x000192
Reserved
72
64
0x000094
0x000194
Reserved
73
65
0x000096
0x000196
U1E – UART1 Error
74
66
0x000098
0x000198
Reserved
75
67
0x00009A
0x00019A
Reserved
76
68
0x00009C
0x00019C
Reserved
77
69
0x00009E
0x00019E
Reserved
78
70
0x0000A0
0x0001A0
Reserved
79
71
0x0000A2
0x0001A2
Reserved
80-125
72-117
0x0000A4-
0x0000FE
0x0001A4-
0x0001FE
Reserved
Vector Number
IVT Address
AIVT Address
Trap Source
0
0x000004
0x000104
Reserved
1
0x000006
0x000106
Oscillator Failure
2
0x000008
0x000108
Address Error
3
0x00000A
0x00010A
Stack Error
4
0x00000C
0x00010C
Math Error
5
0x00000E
0x00010E
Reserved
6
0x000010
0x000110
Reserved
7
0x000012
0x000112
Reserved
TABLE 6-1:
INTERRUPT VECTORS (CONTINUED)
Vector
Number
Interrupt
Request (IRQ)
Number
IVT Address
AIVT Address
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More