| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS201TI/SP 데이터시트(PDF) 333 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP 데이터시트(HTML) 333 Page - Microchip Technology |
|
333 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 331 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Section 16.0 “Inter-Integrated Circuit (I2C™)” Removed the following sections, which are now available in the related section of the dsPIC33F Family Reference Manual: • 16.3 “I2C Interrupts” • 16.4 “Baud Rate Generator” (retained Figure 16-1: I2C Block Diagram) • 16.5 “I2C Module Addresses • 16.6 “Slave Address Masking” • 16.7 “IPMI Support” • 16.8 “General Call Address Support” • 16.9 “Automatic Clock Stretch” • 16.10 “Software Controlled Clock Stretching (STREN = 1)” • 16.11 “Slope Control” • 16.12 “Clock Arbitration” • 16.13 “Multi-Master Communication, Bus Collision, and Bus Arbitration Section 17.0 “Universal Asynchronous Receiver Transmitter (UART)” Removed the following sections, which are now available in the related section of the dsPIC33F Family Reference Manual: • 17.1 “UART Baud Rate Generator” • 17.2 “Transmitting in 8-bit Data Mode • 17.3 “Transmitting in 9-bit Data Mode • 17.4 “Break and Sync Transmit Sequence” • 17.5 “Receiving in 8-bit or 9-bit Data Mode” • 17.6 “Flow Control Using UxCTS and UxRTS Pins” • 17.7 “Infrared Support” Removed IrDA references and Note 1, and updated the bit and bit value descriptions for UTXINV (UxSTA<14>) in the UARTx Status and Control Register (see Register 17-2). Section 18.0 “High-Speed 10-bit Analog-to-Digital Converter (ADC)” Updated bit value information for A/D Control Register (see Register 18-1). Updated TRGSRC6 bit value for Timer1 period match in the A/D Convert Pair Control Register 3 (see Register 18-8). TABLE A-1: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |