전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TI/SP 데이터시트(PDF) 334 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TI/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/SP 데이터시트(HTML) 334 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/SP Datasheet HTML 330Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 331Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 332Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 336Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 337Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 332
Preliminary
© 2009 Microchip Technology Inc.
Section 23.0 “Electrical
Characteristics”
Updated Typ values for Thermal Packaging Characteristics (Table 23-3).
Removed Typ value for DC Temperature and Voltage Specifications
parameter DC12 (Table 23-4).
Updated all Typ values and conditions for DC Characteristics: Operating
Current (IDD), updated last sentence in Note 2 (Table 23-5).
Updated all Typ values for DC Characteristics: Idle Current (IIDLE) (see
Table 23-6).
Updated all Typ values for DC Characteristics: Power Down Current (IPD)
(see Table 23-7).
Updated all Typ values for DC Characteristics: Doze Current (IDOZE) (see
Table 23-8).
Added Note 4 (reference to new table containing digital-only and analog pin
information, as well as Current Sink/Source capabilities) in the I/O Pin Input
Specifications (Table 23-9).
Updated Max value for BOR electrical characteristics parameter BO10 (see
Table 23-11).
Swapped Min and Typ values for Program Memory parameters D136 and
D137 (Table 23-12).
Updated Typ values for Internal RC Accuracy parameter F20 and added
Extended temperature range to table heading (see Table 23-19).
Removed all values for Reset, Watchdog Timer, Oscillator Start-up Timer,
and Power-up Timer parameter SY20 and updated conditions, which now
refers to Section 20.4 “Watchdog Timer (WDT)” and LPRC parameter
F21 (see Table 23-22).
Added specifications to High-Speed PWM Module Timing Requirements for
Tap Delay (Table 23-29).
Updated Min and Max values for 10-bit High-Speed A/D Module parameters
AD01 and AD11 (see Table 23-36).
Updated Max value and unit of measure for DAC AC Specification (see
Table 23-40).
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More