| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F0010AT-30I/PF 데이터시트(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-30I/PF 데이터시트(HTML) 78 Page - Microchip Technology |
|
78 / 236 page ![]() dsPIC30F6010A/6015 DS70150C-page 76 © 2007 Microchip Technology Inc. FIGURE 11-2: 16-BIT TIMER4 BLOCK DIAGRAM (TYPE B TIMER) FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM (TYPE C TIMER) TON Sync PR4 T4IF Equal Comparator x 16 TMR4 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T4CK Sync TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 ADC Event Trigger Sync Note: The dsPIC30F6010A/6015 devices do not have an external pin input to Timer5. These modes should not be used: 1. TCS = 1 2. TCS = 0 and TGATE = 1 (gated time accumulation) |