전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS101TE/SP 데이터시트(PDF) 320 Page - Microchip Technology

부품명 DSPIC33FJ06GS101TE/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/SP 데이터시트(HTML) 320 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/SP Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 318Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 319Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 320Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 321Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 322Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 323Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 318
Preliminary
© 2009 Microchip Technology Inc.
25.1
Package Marking Information (Continued)
28-Lead QFN-S
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
33FJ06GS
202EMM
0830235
XXXXXXXXXX
44-Lead QFN
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
dsPIC33FJ16
Example
GS504-E/ML
0830235
44-Lead TQFP
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ
16GS504
0830235
-E/PT
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More