전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS101TE/SP 데이터시트(PDF) 99 Page - Microchip Technology

부품명 DSPIC33FJ06GS101TE/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/SP 데이터시트(HTML) 99 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/SP Datasheet HTML 95Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 96Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 97Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 98Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 99Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 100Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 101Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 102Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 97
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
TABLE 7-1:
INTERRUPT VECTORS
Vector
Number
Interrupt
Request
(IQR)
IVT Address
AIVT Address
Interrupt Source
Highest Natural Order Priority
8
0
0x000014
0x000114
INT0 – External Interrupt 0
9
1
0x000016
0x000116
IC1 – Input Capture 1
10
2
0x000018
0x000118
OC1 – Output Compare 1
11
3
0x00001A
0x00011A
T1 – Timer1
12
4
0x00001C
0x00011C
Reserved
13
5
0x00001E
0x00011E
IC2 – Input Capture 2
14
6
0x000020
0x000120
OC2 – Output Compare 2
15
7
0x000022
0x000122
T2 – Timer2
16
8
0x000024
0x000124
T3 – Timer3
17
9
0x000026
0x000126
SPI1E – SPI1 Fault
18
10
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
11
0x00002A
0x00012A
U1RX – UART1 Receiver
20
12
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
13
0x00002E
0x00012E
ADC – ADC Group Convert Done
22
14
0x000030
0x000130
Reserved
23
15
0x000032
0x000132
Reserved
24
16
0x000034
0x000134
SI2C1 – I2C1 Slave Event
25
17
0x000036
0x000136
MI2C1 – I2C1 Master Event
26
18
0x000038
0x000138
CMP1 – Analog Comparator 1 Interrupt
27
19
0x00003A
0x00013A
CN – Input Change Notification Interrupt
28
20
0x00003C
0x00013C
INT1 – External Interrupt 1
29
21
0x00003E
0x00013E
Reserved
30
22
0x000040
0x000140
Reserved
31
23
0x000042
0x000142
Reserved
32
24
0x000044
0x000144
Reserved
33
25
0x000046
0x000146
Reserved
34
26
0x000048
0x000148
Reserved
35
27
0x00004A
0x00014A
Reserved
36
28
0x00004C
0x00014C
Reserved
37
29
0x00004E
0x00014E
INT2 – External Interrupt 2
38-64
30-56
Reserved
65
57
0x000086
0x000186
PWM PSEM Special Event Match
66-72
58-64
Reserved
73
65
0x000096
0x000196
U1E – UART1 Error Interrupt
74-101
66-93
Reserved
102
94
0x0000D0
0x0001D0
PWM1 – PWM1 Interrupt
103
95
0x0000D2
0x0001D2
PWM2 – PWM2 Interrupt
104
96
0x0000D4
0x0001D4
PWM3 – PWM3 Interrupt
105
97
0x0000D6
0x0001D6
PWM4 – PWM4 Interrupt
106
98
0x0000D8
0x0001D8
Reserved
107
99
0x0000DA
0x0001DA
Reserved
108
100
0x0000DC
0x0001DC
Reserved
109
101
0x0000DE
0x0001DE
Reserved
110
102
0x0000E0
0x0001E0
Reserved
111
103
0x0000E2
0x00001E2
CMP2 – Analog Comparator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More