전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1750P 데이터시트(PDF) 13 Page - Texas Instruments

부품명 PCM1750P
상세설명  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1750P 데이터시트(HTML) 13 Page - Texas Instruments

Back Button PCM1750P Datasheet HTML 9Page - Texas Instruments PCM1750P Datasheet HTML 10Page - Texas Instruments PCM1750P Datasheet HTML 11Page - Texas Instruments PCM1750P Datasheet HTML 12Page - Texas Instruments PCM1750P Datasheet HTML 13Page - Texas Instruments PCM1750P Datasheet HTML 14Page - Texas Instruments PCM1750P Datasheet HTML 15Page - Texas Instruments PCM1750P Datasheet HTML 16Page - Texas Instruments PCM1750P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
®
PCM1750
POWER SUPPLY REJECTION
Because of the architecture of the PCM1750, power supply
rejection varies with input signal size. The spec table value
is expressed in the relative terms of percent of VIN per
percent change of the supply voltage. The PSR versus
Frequency plot in the Typical Performance Curves show
PSR expressed versus an increase in power supply ripple
frequency.
PERFORMANCE OVER TEMPERATURE
Specification Temperatures
All critical specifications are tested at 25
°C. The drift
specification temperature range is from 0
°C to +70°C. The
PCM1750 will operate over the wider temperature range of
–40
°C to +85°C.
Gain and Offset Drift
Although the PCM1750 is primarily meant for use in dy-
namic applications, specifications are also given for more
traditional DC drift parameters such as temperature gain and
offset drift. The primary cause of drift in the PCM1750 is the
bandgap reference. Much lower gain drift can be realized if
necessary by using any circuit similar to the external refer-
ence circuits shown in Figure 8. Also, refer to the Typical
Performance Curves of VREF Output versus Temperature.
Dynamic Performance
Dynamic performance is predominated by the absolute lin-
earity of the PCM1750. Because of the excellent ratio
tracking versus temperature of poly-poly capacitors, there is
virtually no change in dynamic performance of the converter
over temperature (primarily THD+N). The dynamic specifi-
cations over temperature cannot be guaranteed, however, as
they are not 100% tested.
INSTALLATION
ANTI-ALIASING FILTER
To prevent unwanted input signals from being aliased into
the passband of the converter, it is necessary to suppress all
out of band signals above 1/2 the sampling frequency of the
ADC by using a low-pass filter. The requirement for an anti-
aliasing filter, however, can be reduced by using oversampling
techniques. By raising the sample rate of the converter by a
factor of 2 or even 4, the roll off of the anti-aliasing filter can
be reduced. In Figure 9, a 6th order, linear-phase, anti-
aliasing filter is implemented using low-cost dual audio op
amps. This filter will suppress frequencies above 96kHz by
80dB. For many applications a 4th or 2nd order anti-aliasing
filter will be adequate when using the PCM1750 in the 4x
oversampling mode.
FIGURE 7. PCM1750 Connection Diagram.
+ 10µF*
or
47µF
0.1µF
150k
Ω
25k
Ω
47k
Ω
25k
Ω
+
10µF*
or
47µF
10µF*
+
+5V
–5V
= Connect directly to ground plane
Optional External Adjust
–V
+V
SOUT Left
Ext Clk In
+V
+V
+V
DCOM
ACOM
DCOM
Convert
SOUT Right
+V
–V
Offset Adj Left
MSB Adj Left
V
Left
Ref In Left
Ref Out Left
ACOM
Ref Com
Ref Bypass
ACOM
Ref Out Right
Ref In Right
V
Right
MSB Adj Right
Offset Adj Right
IN
IN
A
A
D
D
D
A
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
150k
Ω
25k
Ω
47k
Ω
25k
Ω
Optional External Adjust
10
Ω
10
Ω
10µF*
+
220pF
150
Ω
220pF
47k
Ω
0.01µF
0.01µF
0.01µF
0.01µF
47k
Ω
(low
leakage,
ceramic)
* High quality tantalum.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21