전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM393DG4 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 LM393DG4
상세설명  DUAL DIFFERENTIAL COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM393DG4 데이터시트(HTML) 16 Page - Texas Instruments

Back Button LM393DG4 Datasheet HTML 12Page - Texas Instruments LM393DG4 Datasheet HTML 13Page - Texas Instruments LM393DG4 Datasheet HTML 14Page - Texas Instruments LM393DG4 Datasheet HTML 15Page - Texas Instruments LM393DG4 Datasheet HTML 16Page - Texas Instruments LM393DG4 Datasheet HTML 17Page - Texas Instruments LM393DG4 Datasheet HTML 18Page - Texas Instruments LM393DG4 Datasheet HTML 19Page - Texas Instruments LM393DG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM193DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903PSR
SO
PS
8
2000
367.0
367.0
38.0
LM2903PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903QDR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903QDRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM293ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM293ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM293DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293DR
SOIC
D
8
2500
340.5
338.1
20.6
LM293DR
SOIC
D
8
2500
367.0
367.0
35.0
LM293DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM293DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393APSR
SO
PS
8
2000
367.0
367.0
38.0
LM393APWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393DR
SOIC
D
8
2500
340.5
338.1
20.6
LM393DR
SOIC
D
8
2500
367.0
367.0
35.0
LM393DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393PSR
SO
PS
8
2000
367.0
367.0
38.0
LM393PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30