| 전자부품 데이터시트 검색엔진 |
|
SN74LS221DRG4 데이터시트(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS221DRG4 데이터시트(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() SN54221, SN54LS221, SN74221, SN74LS221 DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS (SN54/74221 ONLY)† Figure 3 Median DISTRIBUTION OF UNITS FOR OUTPUT PULSE tw − Output Pulse VCC = 5 V TA = 25°C Median +0.5% Median +0.5% Figure 4 0 − 0.5 −1 4.5 4.75 5 0.5 VARIATION IN OUTPUT PULSE vs SUPPLY VOLTAGE 1 5.25 5.5 VCC − Supply Voltage − V Cext = 60 pF Rext = 10 kΩ TA = 25°C tw ≈ 420 ns at VCC = 5 V Figure 5 −25 −50 −75 0 − 0.5 −1 025 50 0.5 VARIATION IN OUTPUT PULSE vs FREE-AIR TEMPERATURE 1 75 100 125 TA − Free-Air Temperature − °C VCC = 5 V Cext = 60 pF Rext = 10 kΩ tw ≈ 420 ns at TA = 25°C OUTPUT PULSE vs TIMING RESISTOR VALUE Figure 6 100 ns 10 ns 12 4 7 10 10 ms 1 ms 20 40 70 100 100 µs 10 µs 1 µs VCC = 5 V TA = 25°C F µ Cext = 1 F µ Cext = 0.1 F µ Cext = 0.01 Cext = 1000 pF Cext = 100 pF Cext = 10 pF See Note A Rext − Timing Resistor Value − kΩ † Data for temperatures below 0°C and above 70°C, and for supply voltages below 4.75 V and above 5.25 V are applicable for the SN54221 only. NOTE A: These values of resistance exceed the maximum recommended for use over the full military temperature range of the SN54221. |