전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS1278IPAPR 데이터시트(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
부품명 ADS1278IPAPR
상세설명  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278IPAPR 데이터시트(HTML) 29 Page - Texas Instruments

Back Button ADS1278IPAPR Datasheet HTML 25Page - Texas Instruments ADS1278IPAPR Datasheet HTML 26Page - Texas Instruments ADS1278IPAPR Datasheet HTML 27Page - Texas Instruments ADS1278IPAPR Datasheet HTML 28Page - Texas Instruments ADS1278IPAPR Datasheet HTML 29Page - Texas Instruments ADS1278IPAPR Datasheet HTML 30Page - Texas Instruments ADS1278IPAPR Datasheet HTML 31Page - Texas Instruments ADS1278IPAPR Datasheet HTML 32Page - Texas Instruments ADS1278IPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
CLK
DRDY/FSYNC
(1)
DOUT
(DiscreteDataOutputMode)
· · ·
· · ·
PWDN
t
NDR
t
PWDN
P
-UpData
ostPower
DOUT1
(TDMMode,DynamicPosition)
NormalPosition
NormalPosition
DataShiftsPosition
NormalPosition
NormalPosition
DataRemainsinPosition
DOUT1
(TDMMode,FixedPosition)
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
POWER-DOWN (PWDN)
3. Detect for non-zero data in the powered-up
channel.
The
channels
of
the
ADS1274/78
can
be
independently powered down by use of the PWDN
After powering up one or more channels, the
inputs. To enter the power-down mode, hold the
channels are synchronized to each other. It is not
respective PWDN pin low for at least two CLK cycles.
necessary to use the SYNC pin to synchronize them.
To exit power-down, return the corresponding PWDN
When a channel is powered down in TDM data
pin high. Note that when all channels are powered
format, the data for that channel are either forced to
down, the ADS1274/78 enters a microwatt (
μW)
zero (fixed-position TDM data mode) or replaced by
power state where all internal biasing is disabled. In
shifting the data from the next channel into the
this state, the TEST[1:0] input pins must be driven; all
vacated data position (dynamic-position TDM data
other input pins can float. The ADS1274/78 outputs
mode).
remain driven.
In Discrete data format, the data are always forced to
As shown in Figure 75 and Table 13, a maximum of
zero.
When
powering-up
a
channel
in
130 conversion cycles must elapse for SPI interface,
dynamic-position TDM data format mode, the channel
and
129
conversion
cycles
must
elapse
for
data remain packed until the data are ready, at which
Frame-Sync,
before
reading
data
after
exiting
time the data frame is expanded to include the
power-down. Data from channels already running are
just-powered channel data. See the Data Format
not affected. The user software can perform the
section for details.
required delay time in any of the following ways:
1. Count the number of data conversions after
taking the PWDN pin high.
2. Delay 129/fDATA or 130/fDATA after taking the
PWDN pins high, then read data.
(1) In SPI protocol, the timing occurs on the falling edge of DRDY/FSYNC. Powering down all channels forces DRDY/FSYNC high.
Figure 75. Power-Down Timing
Table 13. Power-Down Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tPWDN
PWDN pulse width to enter Power-Down mode
2
CLK periods
tNDR
Time for new data ready (SPI)
129
130
Conversions (1/fDATA)
tNDR
Time for new data ready (Frame-Sync)(1)
128
129
Conversions (1/fDATA)
(1)
FSYNC clock running prior to the rising edge of PWDN. If PWDN is asynchronous to the FSYNC clock, tNDR-FS varies from 127 to 128
conversions. If PWDN is made synchronous to FSYNC, then tNDR-FS is stable.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS1274 ADS1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51