전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COP472WM-3/63 데이터시트(PDF) 2 Page - Texas Instruments

부품명 COP472WM-3/63
상세설명  COP472-3 Liquid Crystal Display Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

COP472WM-3/63 데이터시트(HTML) 2 Page - Texas Instruments

  COP472WM-3/63 Datasheet HTML 1Page - Texas Instruments COP472WM-3/63 Datasheet HTML 2Page - Texas Instruments COP472WM-3/63 Datasheet HTML 3Page - Texas Instruments COP472WM-3/63 Datasheet HTML 4Page - Texas Instruments COP472WM-3/63 Datasheet HTML 5Page - Texas Instruments COP472WM-3/63 Datasheet HTML 6Page - Texas Instruments COP472WM-3/63 Datasheet HTML 7Page - Texas Instruments COP472WM-3/63 Datasheet HTML 8Page - Texas Instruments COP472WM-3/63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLDD6932
July 1995
COP472-3 Liquid Crystal Display Controller
General Description
The COP472 – 3 Liquid Crystal Display (LCD) Controller is a
peripheral member of the COPSTM family fabricated using
CMOS technology The COP472-3 drives a multiplexed liq-
uid crystal display directly Data is loaded serially and is held
in internal latches The COP472-3 contains an on-chip oscil-
lator and generates all the multi-level waveforms for back-
planes and segment outputs on a triplex display One
COP472-3 can drive 36 segments multiplexed as3x12
(4
digit display) Two COP472-3 devices can be used to-
gether to drive 72 segments (3 x 24) which could be an 8
digit display
Features
Y
Direct interface to TRIPLEX LCD
Y
Low power dissipation (100 mW typ)
Y
Low cost
Y
Compatible with all COPS processors
Y
Needs no refresh from processor
Y
On-chip oscillator and latches
Y
Expandable to longer displays
Y
Operates from display voltage
Y
MICROWIRETM compatible serial IO
Y
20-pin Dual-In-Line package and 20-pin SO
Block Diagram
TLDD6932 – 1
COPSTM and MICROWIRETM are trademarks of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M56Printed in U S A
http
www nationalcom



Html Pages

1 2 3 4 5 6 7 8 9 10