전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM3R3400 데이터시트(PDF) 2 Page - Delta Electronics, Inc.

부품명 DIM3R3400
상세설명  400W DC/DC Power Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3400 데이터시트(HTML) 2 Page - Delta Electronics, Inc.

  DIM3R3400 Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS_DIM3R3400_08142013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=-48Vdc, nominal Vout unless otherwise noted;)
PARAMETER
NOTES and CONDITIONS
DIM3R3400 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
-75
Vdc
Transient
1ms
-100
Vdc
Reverse polarity
No damage,Low current
+75
Vdc
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
ISOLATION
Input to SHELF_GND Voltage
1500
Vdc
Input to LOGIC_GND Voltage
2000
Vdc
MAIN INPUT (DUAL FEED) CHARACTERISTICS
Operation Input Voltage Range
-36
-75
V
Input UVLO
Turn-On Voltage Threshold
VRTN_OUT
open load
27
Vdc
Turn-Off Voltage Threshold
VRTN_OUT
open load
25
Vdc
Off Converter Input Current
Vin < UVLO voltage
35
mA
Maximum Input Current
Po=400W,
3.3V=0,Vin=-36 to -75V
12
A
Over Current Protection Setpiont
14
15.5
17
A
POWER & MAIN OUTPUT (-48V output)
Input Power, Maximum Allowable
400
W
Efficiency
Po=400W, 3.3V/5.0V no load,Vin=-48V
98.5
%
Efficiency
Po=400W, 3.3V/5.0V no load,Vin=-48V
98.2
%
Management Power, Maximum Deliverable
12
W
Module Standby Current
Pout=0W, 3.3V=0W, 5.0V=0W
Vin=-48V,
60
mA
Main Output External Output Filter Capacitance
80
680
F
HOT SWAP
Inrush Transient
Po=400W, Vin=-75V, 3.3V=0W, 5.0V=0W
2
A
INPUT A/B FEED LOSS / FUSE ALARM
Alarm ON Input Voltage Threshold
-36.4
-38.4
-40.4
V
Transistor Collector to Emitter Voltage
40
Vdc
Transistor Collector to Emitter Current
50
mA
Transistor Collector Saturation Voltage
0.2
0.4
V
HOLD UP CAPACITANCE INTERFACE
Hold-up Capacitor Voltage trim range
-50
-90
-95
V
Hold-up Capacitor Voltage Accuracy
-87.2
-90
-92.8
V
Hold-up Capacitor Charge Current
10
mA
Maxmum Hold-up Capacitance (C_HOLD)
1000
F
To initiate hold up ,Input Voltage Threshold
-32.4
-34.5
-36.4
V
To arm hold up ,Input Voltage Threshold
-32.4
-34.5
-36.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com